Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL7090WHT-L100-0001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XL7090WHT-L100-0001
Description  Cree XLamp 7090 Packaged LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XL7090WHT-L100-0001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XL7090WHT-L100-0001 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL7090WHT-L100-0001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Benefits
Applications
XLamp
7090
Data
Sheet
Page 1 of 19
Specifications subject to change without notice.
CLDS-XL7090 - 1104
www.cree.com/xlamp
Cree® XLamp7090 Packaged LEDs
Cree XLamp 7090 LEDs combine the brightness of power LED chips with a rugged package
capable of operating at 1 Watt and beyond. Cree XLamp LEDs lead the solid-state lighting
industry in brightness while providing a reflow solderable design that is optimized for ease-of-use
and thermal management. Lighting applications featuring XLamp LEDs maximize light output and
increase design flexibility, while minimizing environmental impact.
Based on Cree’s industry-leading power chip expertise and innovative
packaging technology for leadless surface mounting, the Cree XLamp
7090 LEDs bring the power of brightness to a wide range of lighting and
backlighting applications including portable lighting and flashlights,
computer and television screens, signaling, architectural, landscaping
and entertainment/advertising.
XL7090BLU
XL7090CYN
XL7090GRN
XL7090AMB
XL7090RED
XL7090WHT
Cree XLamp 7090 LEDs provide:
Industry’s brightest 1-watt package.
Maximum operating life.
Full range of colors.
o
White, Royal Blue, Blue, Green, Cyan, Amber, Red-Orange and Red.
Low voltage requirements.
Instant light.
Full dimming.
No lead, mercury or UV.
Integrated lens for easy integration with secondary optics.
Small footprint — 7 mm x 9 mm.
ESD > 2000V.
Designed for IR reflow.
Available on reels for high-volume assembly.
Cree XLamp 7090 LEDs offer ultimate design flexibility in lighting for:
Architectural and landscaping.
General illumination for home, business and public spaces.
Business and consumer electronics — backlit computer/television screens, digital
cameras, etc.
Entertainment and advertising/signage.
Automotive and recreational vehicles — interior and exterior.
Safety — security, traffic/railroad signaling, portable.


Similar Part No. - XL7090WHT-L100-0001

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL7005 XLSEMI-XL7005 Datasheet
205Kb / 7P
   0.5A 200KHz 65V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL7005A ETC2-XL7005A Datasheet
300Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
logo
XLSEMI
XL7005A XLSEMI-XL7005A Datasheet
336Kb / 10P
   0.4A 150KHz 80V Buck DC to DC Converter
XL7005E1 XLSEMI-XL7005E1 Datasheet
205Kb / 7P
   0.5A 200KHz 65V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL7015 ETC2-XL7015 Datasheet
528Kb / 10P
   0.8A 150KHz 80V Buck DC to DC Converter
More results

Similar Description - XL7090WHT-L100-0001

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com