Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-S128K32N-045F18Q Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-S128K32N-045F18Q
Description  High Speed 4 Megabit SRAM Multichip Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S128K32N-045F18Q Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-S128K32N-045F18Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S128K32N-045F18Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S128K32N-045F18Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S128K32N-045F18Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S128K32N-045F18Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S128K32N-045F18Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S128K32N-045F18Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S128K32N-045F18Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-S128K32N-045F18Q Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
A
A
Aeroflex Circuit Technology ACT-S128K32
SCD1659 REV E 5/21/01 Plainview NY (516) 694-6700
5
Pin Numbers & Functions
66 Pins — PGA-Type
Pin # Function Pin # Function Pin # Function Pin # Function Pin # Function Pin # Function Pin # Function
1I/O8
11
I/O2
21
NC
31
I/O6
41
A9
51
A5
61
A1
2I/O9
12
WE2
22
I/O3
32
I/O5
42
I/O16
52
WE3
62
A2
3I/O10
13
CE2
23
I/O15
33
I/O4
43
I/O17
53
CE3
63
I/O23
4A13
14
GND
24
I/O14
34
I/O24
44
I/O18
54
GND
64
I/O22
5A14
15
I/O11
25
I/O13
35
I/O25
45
VCC
55
I/O19
65
I/O21
6A15
16
A10
26
I/O12
36
I/O26
46
CE4
56
I/O31
66
I/O20
7A16
17
A11
27
OE
37
A6
47
WE4
57
I/O30
8NC
18
A12
28
NC
38
A7
48
I/O27
58
I/O29
9I/O0
19
Vcc
29
WE1
39
NC
49
A3
59
I/O28
10
I/O1
20
CE1
30
I/O7
40
A8
50
A4
60
A0
Note: Pins 8, 21, 28, & 39 normally not connected, and can be connected to ground by specifing pinout Option "C".
1.085 SQ
1.000
.600
1.000
.100
.020
.016
.100
.180
TYP
1.030
1.040
.160
.061
.051
.085
.075
Pin 56
Pin 66
Pin 11
Pin 1
Bottom View (P7 & P3)
MAX
MAX
"P3" — 1.08" SQ PGA Type Special Order Package (without shoulders
)
"P7" — 1.08" SQ PGA Type Package Standard (with shoulders on Pins 1, 11, 56 & 66)
1.030
1.040
.020
.016
.100
.155
.145
.025
.185
MAX
Side View
(P7)
Side View
(P3)
.050
.180
TYP
.035
1.185 SQ
1.000
.600
1.000
.100
.020
.016
.100
.180
TYP
1.140
1.150
.160
.061
.051
.085
.075
Pin 56
Pin 66
Pin 11
Pin 1
Bottom View (P2 & P6)
±.015
MAX
"P6" — 1.185" SQ PGA Type Special Order Package (without shoulders
)
1.140
1.150
.020
.016
.100
.155
.145
.025
.245
MAX
Side View
(P2)
Side View
(P6)
.050
.180
TYP
.035
"P2" — 1.185" SQ PGA Type Package Standard (with shoulders on Pins 1, 11, 56 & 66)
φ
φ
φ
φ
φ
φ
Limited Availability
Use ''P7'' package for new designs


Similar Part No. - ACT-S128K32N-045F18Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-017F2Q AEROFLEX-ACT-S128K32V-017F2Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-017P7Q AEROFLEX-ACT-S128K32V-017P7Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-020F2Q AEROFLEX-ACT-S128K32V-020F2Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S128K32V-020P7Q AEROFLEX-ACT-S128K32V-020P7Q Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
More results

Similar Description - ACT-S128K32N-045F18Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
   HIGH SPEED 4 MEGABIT SRAM MODULE
logo
Aeroflex Circuit Techno...
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
logo
List of Unclassifed Man...
EDI8M1665C ETC1-EDI8M1665C Datasheet
282Kb / 6P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8F4258C ETC1-EDI8F4258C Datasheet
284Kb / 7P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8M4257C ETC1-EDI8M4257C Datasheet
234Kb / 5P
   HIGH SPEED MEGABIT SRAM MODULE
EDI8M1664C ETC1-EDI8M1664C Datasheet
452Kb / 8P
   HIGH SPEED MEGABIT SRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com