Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C51HFTD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P80C51HFTD
Description  Low-voltage single-chip 8-bit microcontrollers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C51HFTD Datasheet(HTML) 4 Page - NXP Semiconductors

  P80C51HFTD Datasheet HTML 1Page - NXP Semiconductors P80C51HFTD Datasheet HTML 2Page - NXP Semiconductors P80C51HFTD Datasheet HTML 3Page - NXP Semiconductors P80C51HFTD Datasheet HTML 4Page - NXP Semiconductors P80C51HFTD Datasheet HTML 5Page - NXP Semiconductors P80C51HFTD Datasheet HTML 6Page - NXP Semiconductors P80C51HFTD Datasheet HTML 7Page - NXP Semiconductors P80C51HFTD Datasheet HTML 8Page - NXP Semiconductors P80C51HFTD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Philips Semiconductors
Product specification
80CL31/80CL51
Low-voltage single-chip 8-bit microcontrollers
January 1995
4
PIN DESCRIPTIONS
PIN
DESIGNATION
FUNCTION
QFP
DIP
DESIGNATION
FUNCTION
40
1
P1.O/INT2
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pullups. Port 1 pins that have 1s written
to them are pulled HIGH by the internal pullups and in that state can be used as inputs The Port 1
41
2
P1.1/lNT3
to them are pulled HIGH by the internal pullups, and in that state can be used as inputs. The Port 1
output buffer can sink/source 4 LS TTL loads As inputs Port 1 pins that are externally pulled LOW
42
3
P1.2/lNT4
output buffer can sink/source 4 LS TTL loads. As inputs, Port 1 pins that are externally pulled LOW
will source current (IlL in the characteristics) due to the internal pullups Port 1 also serves the
43
4
P1.3/INT5
will source current (IlL in the characteristics) due to the internal pullups. Port 1 also serves the
alternative functions INT2 to INT9
44
5
P1.4/lNT6
alternative functions INT2 to INT9.
1
6
P1.5/lNT7
2
7
P1.6/lNT8
3
8
P1.7/lNT9
4
9
RST
Reset: A high level on this pin for two machine cycles while the oscillator is running resets the
device.
5–13
10-17
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. The Port 3 output buffers can
sink/source 4 LS TTL inputs. Port 3 pins that have 1s written to them are pulled HIGH by the
internal pull ups, and in that state can be used as inputs. As inputs, Port 3 pins that are externally
pulled LOW will source current (IlL in the characteristics) due to the internal pull ups.
5
10
P3.0/RXD/data
RXD/data: Serial port receiver data input (asynchronous)or data input/output (synchronous)
7
11
P3.1/TXD/clock
TXD/clock: Serial port transmitter data output (asynchronous) or clock output (synchronous)
8
12
P3.2/lNT0
INT0: External interrupt 0.
9
13
P3.3/lNT1
INT1: External interrupt 1.
10
14
P3.4/T0
T0: Timer 0 external input.
11
15
P3.5/T1
T1: Timer 1 external input.
12
16
P3.6/WR
WR: External data memory write strobe.
13
17
P3.7/RD
RD: External data memory read strobe.
14
18
XTAL2
Crystal output: Output of the inverting amplifier of the oscillator. Left open when external clock is
used.
Crystal input: Input to the inverting amplifier of the oscillator; also the input for an externally gen-
erated clock source.
15
19
XTAL1
Crystal input: Input to the inverting amplifier of the oscillator; also the input for an externally
generated clock source.
16
20
Vss
Ground: Circuit ground potential.
18-25
21-28
P2.0-P2.7
Port 2: Port 2 is an 8-bit bidirectional 1/0 port with internal pullups. Port 2 pins that have 1s written
to them are pulled HIGH by the internal pullups, and in that state can be used as inputs. The Port 2
output buffer can sink/source 4 LS TTL loads.
Port 2 emits the high-order address byte during accesses to external memory that use 1 6-bit ad-
dresses (MOVX @DPTR). In this application it uses the strong internal pullups when emitting 1s.
During accesses to external memory that use 8-bit addresses (MOVX @Ri), Port 2 emits the con-
tents of the P2 Special Function Register.
26
29
PSEN
Program store enable output: Read strobe to external program memory. When executing code
out of external program memory, PSEN is activated twice each machine cycle. However, during
each access to external data memory two PSEN activations are skipped.
27
30
ALE
Address Latch Enable: Output pulse for latching the low byte of the address during access to
external memory. ALE is emitted at a constant rate of 1/6 of the oscillator frequency, and may be
used for external timing or clocking purposes.
29
31
EA
External Access: When EA is held High the CPU executes out of internal program memory (un-
less the program counter exceeds 0FFFH). Holding EA LOW forces the CPU to execute out of
external memory regardless of the value of the program counter.
30-37
32-39
P0.0-P00.7
Port 0: Port 0 is an 8-bit open drain bidirectional I/O port. As an open drain output port it can sink 8
LS TTL loads. Port 0 pins that have 1s written to them float, and in that state will function as high
impedance inputs. Port 0 is also the multiplexed low order address and data bus during access to
external memory. In this application it uses strong internal pull-ups when emitting logic 1s.
38
40
VDD
Power supply.


Similar Part No. - P80C51HFTD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C51HFT PHILIPS-P80C51HFT Datasheet
305Kb / 68P
   Low voltage 8-bit microcontrollers with UART
1997 Apr 15
More results

Similar Description - P80C51HFTD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XL51FA INTEL-8XL51FA Datasheet
285Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XL52 INTEL-8XL52 Datasheet
284Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com