Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S83L51FB-4B44 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # S83L51FB-4B44
Description  CMOS single-chip 3.0V 8-bit microcontrollers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S83L51FB-4B44 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button S83L51FB-4B44 Datasheet HTML 5Page - NXP Semiconductors S83L51FB-4B44 Datasheet HTML 6Page - NXP Semiconductors S83L51FB-4B44 Datasheet HTML 7Page - NXP Semiconductors S83L51FB-4B44 Datasheet HTML 8Page - NXP Semiconductors S83L51FB-4B44 Datasheet HTML 9Page - NXP Semiconductors S83L51FB-4B44 Datasheet HTML 10Page - NXP Semiconductors S83L51FB-4B44 Datasheet HTML 11Page - NXP Semiconductors S83L51FB-4B44 Datasheet HTML 12Page - NXP Semiconductors S83L51FB-4B44 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product specification
87L51FA/87L51FB
CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
3-158
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C, –40 to +85°C, VCC = 3.0V to 4.5V, VSS = 0V1, 2, 3
16MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
1
Oscillator frequency
–4, –5
3.5
16
MHz
–7, –8
3.5
20
MHz
tLHLL
1
ALE pulse width
85
2tCLCL–40
ns
tAVLL
1
Address valid to ALE low
22
tCLCL–40
ns
tLLAX
1
Address hold after ALE low
32
tCLCL–30
ns
tLLIV
1
ALE low to valid instruction in
150
4tCLCL–100
ns
tLLPL
1
ALE low to PSEN low
32
tCLCL–30
ns
tPLPH
1
PSEN pulse width
142
3tCLCL–45
ns
tPLIV
1
PSEN low to valid instruction in
82
3tCLCL–105
ns
tPXIX
1
Input instruction hold after PSEN
0
0
ns
tPXIZ
1
Input instruction float after PSEN
37
tCLCL–25
ns
tAVIV
1
Address to valid instruction in
207
5tCLCL–105
ns
tPLAZ
1
PSEN low to address float
10
10
ns
Data Memory
tRLRH
2, 3
RD pulse width
275
6tCLCL–100
ns
tWLWH
2, 3
WR pulse width
275
6tCLCL–100
ns
tRLDV
2, 3
RD low to valid data in
147
5tCLCL–165
ns
tRHDX
2, 3
Data hold after RD
0
0
ns
tRHDZ
2, 3
Data float after RD
65
2tCLCL–60
ns
tLLDV
2, 3
ALE low to valid data in
350
8tCLCL–150
ns
tAVDV
2, 3
Address to valid data in
397
9tCLCL–165
ns
tLLWL
2, 3
ALE low to RD or WR low
137
237
3tCLCL–50
3tCLCL+50
ns
tAVWL
2, 3
Address valid to WR low or RD low
122
4tCLCL–130
ns
tQVWX
2, 3
Data valid to WR transition
13
tCLCL–50
ns
tWHQX
2, 3
Data hold after WR
13
tCLCL–50
ns
tQVWH
3
Data valid to WR high
287
7tCLCL–150
ns
tRLAZ
2, 3
RD low to address float
0
0
ns
tWHLH
2, 3
RD or WR high to ALE high
23
103
tCLCL–40
tCLCL+40
ns
External Clock
tCHCX
5
High time
12
20
ns
tCLCX
5
Low time
12
20
ns
tCLCH
5
Rise time
20
20
ns
tCHCL
5
Fall time
20
20
ns
Shift Register
tXLXL
4
Serial port clock cycle time
1
12tCLCL
µs
tQVXH
4
Output data setup to clock rising edge
492
10tCLCL–133
ns
tXHQX
4
Output data hold after clock rising edge
8
2tCLCL–117
ns
tXHDX
4
Input data hold after clock rising edge
0
0
ns
tXHDV
4
Clock rising edge to input data valid
492
10tCLCL–133
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. Interfacing the 87L51FA/FB to devices with float times up to 45ns is permitted. This limited bus contention will not cause damage to Port 0
drivers.


Similar Part No. - S83L51FB-4B44

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8300 KODENSHI-S8300 Datasheet
355Kb / 9P
   Linear LED Driver IC
logo
Satco Products, Inc.
S8300 SATCO-S8300 Datasheet
124Kb / 1P
   5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S8303 SATCO-S8303 Datasheet
124Kb / 1P
   7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S8305 SATCO-S8305 Datasheet
124Kb / 1P
   7 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
logo
Roithner LaserTechnik G...
S8305MG ROITHNER-S8305MG Datasheet
384Kb / 5P
   Infrared Laser Diode
More results

Similar Description - S83L51FB-4B44

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com