Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C51HFT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P80C51HFT
Description  Low-voltage single-chip 8-bit microcontrollers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C51HFT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P80C51HFT Datasheet HTML 7Page - NXP Semiconductors P80C51HFT Datasheet HTML 8Page - NXP Semiconductors P80C51HFT Datasheet HTML 9Page - NXP Semiconductors P80C51HFT Datasheet HTML 10Page - NXP Semiconductors P80C51HFT Datasheet HTML 11Page - NXP Semiconductors P80C51HFT Datasheet HTML 12Page - NXP Semiconductors P80C51HFT Datasheet HTML 13Page - NXP Semiconductors P80C51HFT Datasheet HTML 14Page - NXP Semiconductors P80C51HFT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Philips Semiconductors
Product specification
80CL31/80CL51
Low-voltage single-chip 8-bit microcontrollers
January 1995
11
1.4.2
Power-down mode
The instruction setting PCON.1 is the last executed prior to going
into the Power-down mode. In Power-down mode the oscillator is
stopped. The contents of the on-chip RAM and SFRs are preserved.
The port pins output the values held by their respective SFRs. ALE
and PSEN are held LOW.
In the Power-down mode VDD may be reduced to minimize power
consumption. However, the supply voltage must not be reduced until
Power-down mode is active, and must be restored before the
hardware reset is applied and frees the oscillator. Reset must be
held active until the oscillator has restarted and stabilized.
The wake-up operation after power-down in this controller has two
basic approaches:
1.4.2.1
Wake-up using INT2 to INT9
If INT2 to INT9 are enabled, the 80CL51 can be awakened from
power-down mode with the external interrupts. To ensure that the
oscillator is stable before the controller restarts, the internal clock
will remain inactive for 1536 oscillator periods. This is controlled by
an on-chip delay counter.
1.4.2.2
Wake-up using RESET
To wake-up the 80CL51 the RESET pin has to be kept HIGH for a
minimum of 24 oscillator periods. The on-chip delay counter is
inactive. The user has to ensure that the oscillator is stable before
any operation is attempted. Figure 5 illustrates the two possibilities
for wake-up.
1.4.3
Idle mode
The instruction that sets PCON.0 is the last instruction executed
before going into Idle mode. Once in the Idle mode, the internal
clock is gated away from the CPU, but not from the Interrupt, Timer
and Serial port functions. The CPU status is preserved along with
the Stack Pointer, Program Counter, Program Status Word and
Accumulator. The RAM and all other registers maintain their data
during Idle mode. The port pins retain the logical states they held at
Idle mode activation. ALE and PSEN hold at the logic HIGH level.
There are two methods used to terminate the Idle mode. Activation
of any enabled interrupt will cause PCON to be cleared by
hardware, terminating Idle mode. The interrupt is serviced, and
following the instruction RETI, the next instruction to be executed
will be the one following the instruction that put the device in the Idle
mode.
Flag bits GF0 and GF1 may be used to determine whether the
interrupt was received during normal execution or Idle mode. For
example, the instruction that writes to PCON.0 can also set or clear
one or both flag bits. When Idle mode is terminated by an interrupt,
the service routine can examine the status of the flag bits.
The second method of terminating the Idle mode is with an external
hardware reset. Since the oscillator is still running, the hardware
reset is required to be active for only two machine cycles to
complete the reset operation.
Reset redefines all SFRs, but does not affect the on-chip RAM.
The status of the external pins during Idle and Power-down mode is
shown in Table 1. If the Power-down mode is activated while
accessing external memory, port data held in the Special Function
Register P2 is restored to Port 2. If the data is a logic 1, the port pin
is held HIGH during the Power-down mode by the strong pull up
transistor p1 (see Figure 3(a)).
Table 1.
Status of the External Pins During Idle and Power-down Mode
MODE
MEMORY
ALE
PSEN
PORT 0
PORT 1
PORT 2
PORT 3
Idle
internal
1
1
Port Data
Port Data
Port Data
Port Data
Idle
external
1
1
Floating
Port Data
Address
Port Data
Power-down
internal
0
0
Port Data
Port Data
Port Data
Port Data
Power-down
external
0
0
Floating
Port Data
Port Data
Port Data
Figure 5. Wake-up Operation
POWER-DOWN
RESET-PIN
EXTERNAL INTERRUPT
OSCILLATOR
DELAY COUNTER
1536 PERIODS
>24 PERIODS


Similar Part No. - P80C51HFT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C51HFT PHILIPS-P80C51HFT Datasheet
305Kb / 68P
   Low voltage 8-bit microcontrollers with UART
1997 Apr 15
More results

Similar Description - P80C51HFT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XL51FA INTEL-8XL51FA Datasheet
285Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XL52 INTEL-8XL52 Datasheet
284Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com