Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1128SA Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1128SA
Description  3A Bus Terminator Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1128SA Datasheet(HTML) 2 Page - Anachip Corp

  AP1128SA Datasheet HTML 1Page - Anachip Corp AP1128SA Datasheet HTML 2Page - Anachip Corp AP1128SA Datasheet HTML 3Page - Anachip Corp AP1128SA Datasheet HTML 4Page - Anachip Corp AP1128SA Datasheet HTML 5Page - Anachip Corp AP1128SA Datasheet HTML 6Page - Anachip Corp AP1128SA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3A Bus Terminator Regulator
AP1128
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Jul 20, 2005
2/7
Ordering Information
AP1128 X X
Package
D: TO252-5
S: SOP-8
Packing
Blank : Tube
A
: Taping
Block Diagram
CNTL
V
IN
Cuurent Limiting
Sensor
V
REFEN
V
CNTL
V
OUT
GND
Thermal
Typical Circuit
C3
10uF
R2
100K
C2
1000uF
U1
AP1128
1
2
3
4
5
6
7
8
V
IN
GND
V
REFEN
V
OUT
V
CNTL
V
OUT = 1.25V
R1
100K
C
CNTL
47uF
V
CNTL = 3.3V
V
IN = 2.5V
EN
C1
470uF
V
CNTL
V
CNTL
V
CNTL
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
Power Input Voltage
6
V
PD
Power Dissipation
internal limited
HBM ESD Rating
3
KV
TSTG
Storage Temperature
-55 to 150
oC
TLead
Lead Temperature (Soldering 5 sec)
260
oC
SOP-8 (Note 3)
20
θJC
Thermal Resistance
TO252-5
6
oC/W
SOP-8
80
θJA
Thermal Resistance
TO252-5
40
oC/W


Similar Part No. - AP1128SA

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
   MMIC
logo
Anachip Corp
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
   Dual 1A Low Dropout Positive Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
AP1120 DIODES-AP1120 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1120S DIODES-AP1120S Datasheet
255Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
More results

Similar Description - AP1128SA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1127 ANACHIP-AP1127 Datasheet
139Kb / 4P
   3A Bus Terminator Regulator
logo
List of Unclassifed Man...
CM8500A ETC1-CM8500A Datasheet
409Kb / 13P
   3A BUS TERMINATOR
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
   3A BUS TERMINATOR
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
   3A BUS TERMINATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com