Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUM-115HML303 Datasheet(PDF) 1 Page - Rohm

Part # LUM-115HML303
Description  24 x 48 dot matrix unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LUM-115HML303 Datasheet(HTML) 1 Page - Rohm

  LUM-115HML303 Datasheet HTML 1Page - Rohm LUM-115HML303 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LUM-115HML303
LED displays
Rev.A
24
×48 dot matrix unit
LUM-115HML303
The LUM-115HML303 is a 24
×48 dot matrix display which can be used in a wide range of applications, including
alphabet, numeric, symbol and graphical displays. A large display can be easily created by arranging a number of these
dot matrix displays in an array, and they can be applied to a variety of display purposes. A custom LSI controller has
display data memory for two screens, and data for each screen can be written and displayed in turn.
Applications
Light source for displays
Features
1) 24
×48 dot matrix.
Shape of emitting section :
2.1
×2.3
2) Dimensions : 96mm
×192mm
3) Clear display.
4) Three-color display is possible
(red, green, and orange).
5) 1 / 24 duty dynamic scan method.
6) Ultra-thin shape of 9.1mm, light weight of
190g, and wide directional characteristics
of 100 degrees.
Selection guide
Display Type
Type
Chip LED
LUM
−115HML303
External dimensions (Unit : mm)
96
P3.99X23=91.77
192
P3.99X23=91.77
9.1
180
(10)
(10)
Specifications
For specifications, refer to “LUM unit series”.
(www.rohm.com/products/databook/dp/pdf/lum-unit.pdf)


Similar Part No. - LUM-115HML303

ManufacturerPart #DatasheetDescription
logo
Rohm
LUM-115HML300 ROHM-LUM-115HML300 Datasheet
61Kb / 2P
   24 x 48 dot matrix unit
LUM-115HML300 ROHM-LUM-115HML300 Datasheet
175Kb / 3P
   LED displays
LUM-115HML301 ROHM-LUM-115HML301 Datasheet
68Kb / 2P
   24 x 48 dot matrix unit
LUM-115HML302 ROHM-LUM-115HML302 Datasheet
68Kb / 2P
   24 x 48 dot matrix unit
More results

Similar Description - LUM-115HML303

ManufacturerPart #DatasheetDescription
logo
Rohm
LUM-115HMU306 ROHM-LUM-115HMU306 Datasheet
62Kb / 2P
   24 x 48 dot matrix unit
LUM-115HMU307 ROHM-LUM-115HMU307 Datasheet
67Kb / 2P
   24 x 48 dot matrix unit
LUM-115HML300 ROHM-LUM-115HML300 Datasheet
61Kb / 2P
   24 x 48 dot matrix unit
LUM-115HMU308 ROHM-LUM-115HMU308 Datasheet
67Kb / 2P
   24 x 48 dot matrix unit
LUM-115HMU309 ROHM-LUM-115HMU309 Datasheet
67Kb / 2P
   24 x 48 dot matrix unit
LUM-115HML302 ROHM-LUM-115HML302 Datasheet
68Kb / 2P
   24 x 48 dot matrix unit
LUM-115HML301 ROHM-LUM-115HML301 Datasheet
68Kb / 2P
   24 x 48 dot matrix unit
LPM-5763MU301 ROHM-LPM-5763MU301 Datasheet
87Kb / 2P
   24 x 24 dot matrix unit
LUM-512HMU309 ROHM-LUM-512HMU309 Datasheet
55Kb / 2P
   16 x 32 dot matrix unit
LUM-512CD300 ROHM-LUM-512CD300 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com