Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEFUD0K680R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEFUD0K680R
Description  Specialty Polymer Aluminum Electrolytic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFUD0K680R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEFUD0K680R Datasheet HTML 1Page - Panasonic Semiconductor EEFUD0K680R Datasheet HTML 2Page - Panasonic Semiconductor EEFUD0K680R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specialty Polymer
Aluminum Electrolytic Capacitor
 EE16 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
UD
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
EEFUD0D331XR
EEFUD0E151R
EEFUD0E151XR
EEFUD0E181R
EEFUD0E181XR
EEFUD0E221R
EEFUD0E221XR
EEFUD0E271R
EEFUD0G121R
EEFUD0G121XR
EEFUD0G151R
EEFUD0G151XR
EEFUD0G181R
EEFUD0J101R
EEFUD0J101XR
EEFUD0J121R
EEFUD0J121XR
EEFUD0J151R
EEFUD0K680R
EEFUD0K101R
EEFUE0D271R
EEFUE0D271XR
EEFUE0D331R
EEFUE0D331XR
EEFUE0D391R
EEFUE0D391XR
EEFUE0D471R
EEFUE0D471XR
EEFUE0E221R
EEFUE0E221XR
EEFUE0E271R
EEFUE0E271XR
EEFUE0E331R
EEFUE0E331XR
EEFUE0E391R
EEFUE0G181R
EEFUE0G181XR
EEFUE0G221R
EEFUE0G221XR
EEFUE0G271R
EEFUE0J151R
EEFUE0J151XR
EEFUE0J181R
EEFUE0J181XR
EEFUE0J221R
EEFUE0K101R
EEFUE0K151R
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
UE
330
150
150
180
180
220
220
270
120
120
150
150
180
100
100
120
120
150
68
100
270
270
330
330
390
390
470
470
220
220
270
270
330
330
390
180
180
220
220
270
150
150
180
180
220
100
150
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
3.3
3.0
3.3
3.0
3.3
3.0
3.3
3.0
3.0
3.3
3.0
3.3
2.5
3.0
3.3
3.0
3.3
2.5
3.0
2.5
3.3
3.5
3.3
3.5
3.3
3.5
3.3
3.5
3.3
3.5
3.3
3.5
3.3
3.5
3.3
3.3
3.5
3.3
3.5
3.0
3.3
3.5
3.3
3.5
3.0
3.3
3.0
0.012
0.015
0.012
0.015
0.012
0.015
0.012
0.015
0.015
0.012
0.015
0.012
0.018
0.015
0.012
0.015
0.012
0.018
0.015
0.018
0.012
0.010
0.012
0.010
0.012
0.010
0.012
0.010
0.012
0.010
0.012
0.010
0.012
0.010
0.012
0.012
0.010
0.012
0.010
0.015
0.012
0.010
0.012
0.010
0.015
0.012
0.015
2
2.5
4
6.3
8
2
2.5
4
6.3
8
ESR
(100kHz/+20
°C)
Ripple current
(A r.m.s./100kHz
+20 to +105 C )
Capacitance
(±20%)
(µF)
(pcs)
Part number
Rated
W.V.
(V.DC)
Specification
Min.Packaging Qí ty
Case Size
°
L
W
H
(mm) (mm) (mm)
Series &
Size Code
n
Standard Products
Mar. 2005


Similar Part No. - EEFUD0K680R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFUD0K680R PANASONIC-EEFUD0K680R Datasheet
90Kb / 3P
   Surface Mount Type
More results

Similar Description - EEFUD0K680R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECG-C0JB220R PANASONIC-ECG-C0JB220R Datasheet
349Kb / 4P
   Specialty Polymer Aluminum Electrolytic Capacitors/CB
logo
NIC-Components Corp.
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Suntan Capacitors
TS13G SUNTAN-TS13G Datasheet
263Kb / 2P
   POLYMER ALUMINUM ELECTROLYTIC CAPACITOR-SMD
logo
Panasonic Semiconductor
EEF-HE0J151R PANASONIC-EEF-HE0J151R Datasheet
127Kb / 1P
   Specialty Polymer Aluminum Electrolytic Chip Capacitors (SP?밅ap) / H
EEF-SD0G151R PANASONIC-EEF-SD0G151R Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-SX0E471E4 PANASONIC-EEF-SX0E471E4 Datasheet
71Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0K101ER PANASONIC-EEF-UD0K101ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com