Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB15SKW01-6BJB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HB15SKW01-6BJB
Description  Distinctive Characteristics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HB15SKW01-6BJB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HB15SKW01-6BJB Datasheet HTML 1Page - List of Unclassifed Manufacturers HB15SKW01-6BJB Datasheet HTML 2Page - List of Unclassifed Manufacturers HB15SKW01-6BJB Datasheet HTML 3Page - List of Unclassifed Manufacturers HB15SKW01-6BJB Datasheet HTML 4Page - List of Unclassifed Manufacturers HB15SKW01-6BJB Datasheet HTML 5Page - List of Unclassifed Manufacturers HB15SKW01-6BJB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Subminiature Pushbuttons
Series HB
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
K Black only
S Square
C Round
1
SPDT
1
S
K
W01
6G
White Cap
Square Shape
Black Housing
Silver Contacts and Solder Lug Terminals;
rated 0.1A @ 30V AC/DC
Blue, Super Bright LED
SPDT ON-(ON) Circuit
JB
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
W01
Silver Contacts and
Solder Lug Terminals
0.1A @ 30V AC/DC
Super Bright
6B White
6F Green
6G Blue
Bright
5C
Red
5D
Amber
5F
Green
5
Switches are supplied without UL
& C-UL markings unless specified.
Specific models & ratings noted on
General Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
HB15SKW01-6G-JB
LED Cap: Lens/Diffuser Color
JB Clear/White
LED Cap: Lens/Diffuser Color
AB Black Cap/White Window for
Spot Illuminaterd (Square only)
CB Red/White
DB Amber/White
FB Green/White
JB Clear/White
3-05


Similar Part No. - HB15SKW01-6BJB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB15SKW01-6B-AB ETC2-HB15SKW01-6B-AB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-6B-CB ETC2-HB15SKW01-6B-CB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-6B-DB ETC2-HB15SKW01-6B-DB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-6B-FB ETC2-HB15SKW01-6B-FB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB15SKW01-6B-JB NKK-HB15SKW01-6B-JB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
More results

Similar Description - HB15SKW01-6BJB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
   DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
   Distinctive Characteristics
A12AH ETC2-A12AH Datasheet
259Kb / 7P
   Distinctive Characteristics
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com