Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCC1-G0K-125M00 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VCC1-G0K-125M00
Description  1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VCC1-G0K-125M00 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VCC1-G0K-125M00 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCC1-G0K-125M00 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCC1-G0K-125M00 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCC1-G0K-125M00 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCC1-G0K-125M00 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCC1-G0K-125M00 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCC1-G0K-125M00 Datasheet HTML 8Page - List of Unclassifed Manufacturers VCC1-G0K-125M00 Datasheet HTML 9Page - List of Unclassifed Manufacturers VCC1-G0K-125M00 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
VCC1 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
10
Ordering Information
VCC1 -
-
Product Family
Output Frequency
Crystal Oscillator
In MHZ
Voltage Options
A: +5.0 Vdc +/-10% , 15pF
B: +3.3 Vdc +/-10%, 15pF
C: +3.0 Vdc +/-10%, 15pF
E: +5.0 Vdc +/-10%, 50pF
F: +3.3Vdc +/-10%, 50pF
G: +2.5Vdc +/-10%, 15pF
H: +1.8Vdc +/-10%, 15pF
Electrical Options
3: Tristate, 45/55% Duty
The following codes are not
recommended for new designs
0: No tristate, 40/60% Duty
1: Tristate, 40/60% Duty
2: No tristate, 45/55%Duty
5: Enable, 40/60% Duty
6: Enable, 45/55% Duty
Stability Options
A: ±100ppm, -10 to 70C
C: ±100ppm, -40 to 85C
B: ±50ppm, -10 to 70C
D: ±50ppm, -40 to 85C
K: ±32ppm, -10 to 70C
O: ±32ppm, -40 to 85C
E: ±25ppm, -10 to 70C
F: ±25ppm, -40 to 85C
G: ±20ppm, -10 to 70C
Note: Not all combinations are available. Tristate with a 45/55% is the most common Electrical code and is
recommended for most applications.
www.vectron.com
April 19, 2005
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: VI Telefilter · Potsdamer Straße 18, 14513 Teltow, Germany
Tel: 49 (0) 3328 4784 17 · Fax: 49 (0) 3328 4784 30
ASIA: Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower,
88 Century Boulevard, Shanghai, P.R. China 200120
Tel: +86 21 28909740 / 41 / 42 · Fax: +86 21 28909240 / 2890999
B
3
B
125M00


Similar Part No. - VCC1-G0K-125M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC1-G0K VECTRON-VCC1-G0K Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCC1-G0K-125M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCS3 VECTRON-VCS3_11 Datasheet
120Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3 VECTRON-VCS3 Datasheet
96Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com