Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA8588BJ Datasheet(PDF) 28 Page - NXP Semiconductors

Part No. TDA8588BJ
Description  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 28 page
background image
2004 Feb 24
28
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
Notes
1. The quiescent current is measured in standby mode when RL = ∞.
2. The rise and fall times are measured with a 50 pF load capacitor.
3. The reset delay time depends on the value of the reset delay capacitor:
4. The dropout voltage of a regulator is the voltage difference between VP and VO(REGn).
5. At current limit, VO(REGn) is held constant (see Fig.6).
6. The foldback current protection limits the dissipation power at short-circuit (see Fig.6).
7. The dropout voltage of regulator 2 is the voltage difference between VBUCAP and VO(REG2).
Power switch 2: SW2 (amplifier)
Vdrop(SW2)
dropout voltage
IO = 300 mA
0.6
0.8
V
IO = 400 mA
0.6
1.1
V
Ilimit
limit current
VO ≥ 8.5 V
0.5
1
A
Backup switch
IDC(BU)
continuous current
VBUCAP ≥ 6 V
0.4
1.5
A
Vclamp(BU)
clamping voltage
VP =30V;
IO(REG2) = 100 mA
24
28
V
Vdrop
dropout voltage
IO = 500 mA;
(VP − VBUCAP)
0.6
0.8
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
t
d rst
()
C
RESCAP
I
ch
------------------------
V
th rst
()
×
=
C
RESCAP
750
10
3
×
()
×
s
[]
=




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA8589JI2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4954HIgh Voltage 3 Watt Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM468110 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48951 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA3609JRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
MMBZ5V6ALT124 and 40 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
AND8079A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
TDA3618AJRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
LM49411.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl