Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA8588BJ Datasheet(PDF) 27 Page - NXP Semiconductors

Part No. TDA8588BJ
Description  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 27 page
background image
2004 Feb 24
27
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
VO(load)
load regulation voltage
0.5 mA
≤ IO ≤ 400 mA
−−
100
mV
SVRR
supply voltage ripple
rejection
fripple = 120 Hz;
Vripple = 2 V (p-p)
50
65
dB
Vdrop
dropout voltage
VP =VO(REG4) − 0.5 V;
IO = 800 mA; note 4
0.6
1
V
IO(peak)
peak output current
t
≤ 3 s; VO = 4 V
1
1.5
A
Ilimit
limit current
VO ≥ 4 V; t ≤ 100 ms;
VP ≥ 11.5 V; note 5
1.5
2
A
Isc
short-circuit current
RL ≤ 0.5 Ω ; note 6
240
400
mA
Regulator 5: REG5 (display; IO = 5 mA)
VO(REG5)
output voltage
0.5 mA
≤ IO ≤ 400 mA
10 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0001
5.7
6.0
6.3
V
10 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0010
6.65
7.0
7.37
V
10 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0011
7.8
8.2
8.6
V
10.5 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0100
8.55
9.0
9.45
V
11 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0101
9.0
9.5
10.0
V
11.5 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0110
9.5
10.0
10.5
V
13 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0111
9.9
10.4
10.9
V
14.2 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 1000
11.8
12.5
13.2
V
12.5 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 1001
VP − 1
−−
V
VO(LN)
line regulation voltage
10 V
≤ VP ≤ 18 V
350
mV
VO(load)
load regulation voltage
0.5 mA
≤ IO ≤ 400 mA
−−
100
mV
SVRR
supply voltage ripple
rejection
fripple = 120 Hz;
Vripple = 2 V (p-p)
50
60
dB
Vdrop
dropout voltage
VP =VO(REG5) − 0.5 V;
note 4
IO = 300 mA
0.4
0.8
V
IO = 400 mA
0.5
2.3
V
Ilimit
limit current
VO ≥ 5.5 V; note 5
400
950
mA
Isc
short-circuit current
RL ≤ 0.5 Ω; note 6
100
200
mA
Power switch 1: SW1 (antenna)
Vdrop(SW1)
dropout voltage
IO = 300 mA
0.6
0.8
V
IO = 400 mA
0.6
1.1
V
Ilimit
limit current
V
≥ 8.5 V
0.5
1
A
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA8589JI2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4954HIgh Voltage 3 Watt Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM468110 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48951 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA3609JRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
MMBZ5V6ALT124 and 40 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
AND8079A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
TDA3618AJRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
LM49411.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl