Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA8588BJ Datasheet(PDF) 23 Page - NXP Semiconductors

Part No. TDA8588BJ
Description  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 23 page
background image
2004 Feb 24
23
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
fSCL
SCL clock frequency
−−
400
kHz
Diagnostic
VDIAG
diagnostic pin LOW output
voltage
fault condition; IDIAG = 200 µA
−−
0.8
V
Vo(offset)
output voltage when offset is
detected
± 1.5 ± 2
± 2.5
V
THDclip
THD clip detection level
IB3 bit D7 = 0
4
%
IB3 bit D7 = 1
1
%
Tj(warn)
average junction temperature for
pre-warning
IB3 bit D4 = 0
135
145
155
°C
IB3 bit D4 = 1
112
122
132
°C
Tj(mute)
average junction temperature for
3 dB muting
VIN = 0.05 V
150
160
170
°C
Tj(off)
average junction temperature
when all outputs are switched off
165
175
185
°C
Zo(load)
impedance when a DC load is
detected
−−
6
Zo(open)
impedance when an open DC
load is detected
500
−−
Io(load)
amplifier current when an AC load
is detected
550
−−
mA
Io(open)
amplifier current when an open
AC load is detected
−−
150
mA
Amplifier
Po
output power
RL =4 Ω; VP = 14.4 V; THD = 0.5 % 20
21
W
RL =4 Ω; VP = 14.4 V; THD = 10 %
27
28
W
RL =4 Ω; VP = 14.4 V;
VIN = 2 V RMS square wave
(maximum power)
44
46
W
RL =4 Ω; VP = 15.2 V;
VIN = 2 V RMS square wave
(maximum power)
49
52
W
RL =2 Ω; VP = 14.4 V; THD = 0.5 % 37
41
W
RL =2 Ω; VP = 14.4 V; THD = 10 %
51
55
W
RL =2 Ω; VP = 14.4 V;
VIN = 2 V RMS square wave
(maximum power)
83
87
W
THD
total harmonic distortion
Po = 1 W to 12 W; f = 1 kHz;
RL =4 Ω
0.01
0.1
%
Po = 1 W to 12 W; f = 10 kHz
0.2
0.5
%
Po = 4 W; f = 1 kHz
0.01
0.03
%
line driver mode; Vo = 2 V (RMS);
f = 1 kHz; RL = 600 Ω
0.01
0.03
%
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA8589JI2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4954HIgh Voltage 3 Watt Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM468110 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48951 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA3609JRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
MMBZ5V6ALT124 and 40 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
AND8079A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
TDA3618AJRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
LM49411.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl