Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA8588BJ Datasheet(PDF) 17 Page - NXP Semiconductors

Part No. TDA8588BJ
Description  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 17 page
background image
2004 Feb 24
17
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
Table 6
Instruction byte IB3
Table 7
Data byte DB1
BIT
DESCRIPTION
D7
clip detection level
0 = 4 % detection level
1 = 1 % detection level
D6
amplifier channels 1 and 2 gain select
0 = 26 dB gain (normal mode)
1 = 20 dB gain (line driver mode)
D5
amplifier channels 3 and 4 gain select
0 = 26 dB gain (normal mode)
1 = 20 dB gain (line driver mode)
D4
amplifier thermal protection pre-warning
0 = warning at 145
°C
1 = warning at 122
°C
D3
disable channel 1
0 = enable channel 1
1 = disable channel 1
D2
disable channel 2
0 = enable channel 2
1 = disable channel 2
D1
disable channel 3
0 = enable channel 3
1 = disable channel 3
D0
disable channel 4
0 = enable channel 4
1 = disable channel 4
BIT
DESCRIPTION
D7
amplifier thermal protection pre-warning
0 = no warning
1 = junction temperature above pre-warning
level
D6
amplifier maximum thermal protection
0 = junction temperature below 175
°C
1 = junction temperature above 175
°C
D5
channel 4 DC load detection
0 = DC load detected
1 = no DC load detected
D4
channel 4 AC load detection
0 = no AC load detected
1 = AC load detected
D3
channel 4 load short-circuit
0 = normal load
1 = short-circuit load
D2
channel 4 output offset
0 = no output offset
1 = output offset
D1
channel 4 VP short-circuit
0 = no short-circuit to VP
1 = short-circuit to VP
D0
channel 4 ground short-circuit
0 = no short-circuit to ground
1 = short-circuit to ground




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA8589JI2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4954HIgh Voltage 3 Watt Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM468110 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48951 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA3609JRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
MMBZ5V6ALT124 and 40 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
AND8079A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
TDA3618AJRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
LM49411.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl