Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA8588BJ Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. TDA8588BJ
Description  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 10 page
background image
2004 Feb 24
10
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
2. After 250 ms the DC load is detected and the mute is
released. This is inaudible and can be implemented
each time the IC is powered on.
3. When the amplifier start-up cycle is completed (after
1.5 s), apply an AC signal to the input, and DC-load
bits D5 of each data byte should be read and stored by
the microcontroller.
4. After at least 3 periods of the input signal, the load
status can be checked by reading AC-detect bits D4 of
each data byte.
The AC-load peak current counter can be reset by
setting bit D1 of instruction byte IB1 to logic 0 and then
to logic 1. Note that this will also reset the DC-load
detection bits D5 in each data byte.
Low headroom protection
The normal DC output voltage of the amplifier is set to half
the supply voltage and is related to the voltage on
pin SVR. An external capacitor is connected to pin SVR to
suppress power supply ripple. If the supply voltage drops
(at vehicle engine start), the DC output voltage will follow
slowly due to the affect of the SVR capacitor.
The headroom voltage is the voltage required for correct
operation of the amplifier and is defined as the voltage
difference between the level of the DC output voltage
before the VP voltage drop and the level of VP after the
voltage drop (see Fig.4).
At a certain supply voltage drop, the headroom voltage will
be insufficient for correct operation of the amplifier. To
prevent unwanted audible noises at the output, the
headroom protection mode will be activated (see Fig.4).
This protection discharges the capacitors connected to
pins SVR and ACGND to increase the headroom voltage.
V
(V)
t (sec)
SVR voltage
vehicle engine start
headroom voltage
amplifier
DC output voltage
VP
mdb515
14
8.4
7
Fig.4 Amplifier output during supply voltage.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA8589JI2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4954HIgh Voltage 3 Watt Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM468110 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48951 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA3609JRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
MMBZ5V6ALT124 and 40 Watt Peak Power Zener Transient Voltage Suppressors 1 2 3 4 5 MoreON Semiconductor
AND8079A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
TDA3618AJRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
LM49411.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl