Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT22V10L-25NM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT22V10L-25NM
Description  High Speed UV Erasable Programmable Logic Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT22V10L-25NM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT22V10L-25NM Datasheet HTML 3Page - ATMEL Corporation AT22V10L-25NM Datasheet HTML 4Page - ATMEL Corporation AT22V10L-25NM Datasheet HTML 5Page - ATMEL Corporation AT22V10L-25NM Datasheet HTML 6Page - ATMEL Corporation AT22V10L-25NM Datasheet HTML 7Page - ATMEL Corporation AT22V10L-25NM Datasheet HTML 8Page - ATMEL Corporation AT22V10L-25NM Datasheet HTML 9Page - ATMEL Corporation AT22V10L-25NM Datasheet HTML 10Page - ATMEL Corporation AT22V10L-25NM Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering Information
tPD
(ns)
tS
(ns)
tCO
(ns)
Ordering Code
Package
Operation Range
20
12
15
AT22V10L-20DC
24DW3
Commercial
AT22V10L-20GC
24D3
(0
°C to 70°C)
AT22V10L-20JC
28J
AT22V10L-20PC
24P3
AT22V10L-20SC
24S
AT22V10L-20DI
24DW3
Industrial
AT22V10L-20GI
24D3
(-40
°C to 85°C)
AT22V10L-20JI
28J
AT22V10L-20PI
24P3
AT22V10L-20SI
24S
20
17
15
AT22V10L-20DM
24DW3
Military
AT22V10L-20GM
24D3
(-55
°C to 125°C)
AT22V10L-20LM
28LW
AT22V10L-20NM
28L
AT22V10L-20DM/883
24DW3
Military/883C
AT22V10L-20GM/883
24D3
(-55
°C to 125°C)
AT22V10L-20LM/883
28LW
Class B, Fully Compliant
AT22V10L-20NM/883
28L
25
15
15
AT22V10L-25DC
24DW3
Commercial
AT22V10L-25GC
24D3
(0
°C to 70°C)
AT22V10L-25JC
28J
AT22V10L-25PC
24P3
AT22V10L-25SC
24S
AT22V10L-25DI
24DW3
Industrial
AT22V10L-25GI
24D3
(-40
°C to 85°C)
AT22V10L-25JI
28J
AT22V10L-25PI
24P3
AT22V10L-25SI
24S
25
18
15
AT22V10L-25DM
24DW3
Military
AT22V10L-25GM
24D3
(-55
°C to 125°C)
AT22V10L-25LM
28LW
AT22V10L-25NM
28L
AT22V10L-25DM/883
24DW3
Military/883C
AT22V10L-25GM/883
24D3
(-55
°C to 125°C)
AT22V10L-25LM/883
28LW
Class B, Fully Compliant
AT22V10L-25NM/883
28L
20
17
15
5962-88724 04 LA
24DW3
Military/883C
5962-88724 04 3X
28L
(-55
°C to 125°C)
Class B, Fully Compliant
25
18
15
5962-88724 01 LA
24DW3
Military/883C
5962-88724 01 3X
28LW
(-55
°C to 125°C)
Class B, Fully Compliant
20
17
15
5962-89755 04 LA
24D3
Military/883C
5962-89755 04 3X
28L
(-55
°C to 125°C)
Class B, Fully Compliant
25
18
15
5962-89755 01 LA
24D3
Military/883C
5962-89755 01 3X
28L
(-55
°C to 125°C)
Class B, Fully Compliant
1-106
AT22V10/L


Similar Part No. - AT22V10L-25NM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DC ATMEL-AT22V10B-10DC Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DI ATMEL-AT22V10B-10DI Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DM ATMEL-AT22V10B-10DM Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DM/883 ATMEL-AT22V10B-10DM/883 Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
More results

Similar Description - AT22V10L-25NM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com