Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT22V10L-25GM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT22V10L-25GM
Description  High Speed UV Erasable Programmable Logic Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT22V10L-25GM Datasheet(HTML) 1 Page - ATMEL Corporation

  AT22V10L-25GM Datasheet HTML 1Page - ATMEL Corporation AT22V10L-25GM Datasheet HTML 2Page - ATMEL Corporation AT22V10L-25GM Datasheet HTML 3Page - ATMEL Corporation AT22V10L-25GM Datasheet HTML 4Page - ATMEL Corporation AT22V10L-25GM Datasheet HTML 5Page - ATMEL Corporation AT22V10L-25GM Datasheet HTML 6Page - ATMEL Corporation AT22V10L-25GM Datasheet HTML 7Page - ATMEL Corporation AT22V10L-25GM Datasheet HTML 8Page - ATMEL Corporation AT22V10L-25GM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
High Speed
UV Erasable
Programmable
Logic Device
Description
The AT22V10 and AT22V10L are CMOS high performance EPROM-based Programmable
Logic Devices (PLDs). Speeds down to 15 ns and power dissipation as low as 12 mA are
offered. All speed ranges are specified over the full 5 V
±10% range. All pins offer a low ±10
µA leakage.
The AT22V10L provides the optimum low power CMOS PLD solution, with low DC power
(8 mA typical) and full CMOS output levels. The AT22V10L significantly reduces total sys-
tem power and enhances system reliability.
Full CMOS output levels help reduce power in many other system components.
The AT22V10 and AT22V10L incorporate a variable product term architecture. Each output
is allocated from eight to 16 product terms, which allows highly complex logic functions to be
realized.
Two additional product terms are included to provide synchronous preset and asynchronous
reset. These terms are common to all 10 registers. All registers are automatically cleared upon
power up.
Register preload simplifies testing. A security fuse prevents unauthorized copying of pro-
grammed fuse patterns.
Pin Configurations
Pin Name
Function
CLK/IN
Clock and Logic Input
IN
Logic Inputs
I/O
Bidirectional Buffers
*
No Internal Connection
VCC
+5 V Supply
Features
High Speed Programmable Logic Device
15 ns Max Propagation Delay
5 V
±10% Operation
Low Power CMOS Operation
Speed
"L"
-15,-20
All
Others
Temp
Com./Mil. Com./Mil.
ICC(mA)
12/15
90/100
55
CMOS and TTL Compatible Inputs and Outputs
10
µA Leakage Maximum
Reprogrammable - Tested 100% for Programmability
High Reliability CMOS Technology
2000 V ESD Protection
200 mA Latchup Immunity
Full Military, Commercial and Industrial Temperature Ranges
Dual-In-Line and Surface Mount Packages
PROGRAMMABLE
INTERCONNECT
AND
COMBINATORIAL
LOGIC ARRAY
LOGIC
OPTION
(UP T0 10
FLIP-FLOPS)
OUTPUT
OPTION
8TO 16
PRODUCT
TERMS
OE PRODUCT TERMS
10
I/O PINS
12
INPUT PINS
1
Logic Diagram
*
GND IN
I/O
I/O
IN
VCC
*
CLK/IN
I/O
I/O
IN IN
1
15
22
8
GND
15
16
17
18
19
20
21
22
23
24
14
13
12
11
10
9
8
7
6
5
4
3
2
1
IN
Vcc
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
CLK/IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
I/O
I/O
I/O
I/O
I/O
I/O
*
IN
IN
IN
IN
IN
IN
*
DIP/SOIC
PLCC
0023C
AT22V10/L
1-97


Similar Part No. - AT22V10L-25GM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DC ATMEL-AT22V10B-10DC Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DI ATMEL-AT22V10B-10DI Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DM ATMEL-AT22V10B-10DM Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DM/883 ATMEL-AT22V10B-10DM/883 Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
More results

Similar Description - AT22V10L-25GM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com