Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEFCD0D101XR Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEFCD0D101XR
Description  Specialty Polymer Aluminum Electrolytic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCD0D101XR Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEFCD0D101XR Datasheet HTML 1Page - Panasonic Semiconductor EEFCD0D101XR Datasheet HTML 2Page - Panasonic Semiconductor EEFCD0D101XR Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specialty Polymer
Aluminum Electrolytic Capacitor
 EE14 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
n
Features
n
Specification
Japan
Singapore
Surface Mount Type
Series:
FD,CD,UD,UE
Low ESR
Excellent Noise-absorbent Characteristics
L
W1
P
P
n
Dimensions in mm(not to scale)
(mm)
Country of Origin
L±0.2
W1±0.2 W2±0.1
H
P±0.3
FD
7.3
4.3
2.4
1.1±0.1
1.3
CD
7.3
4.3
2.4
1.8±0.1
1.3
UD
7.3
4.3
2.4
2.8±0.2
1.3
UE
7.3
4.3
2.4
4.2±0.1
1.3
Moisture resistance
After applying rated working voltage for 1000 hours at 105±2
°C, and then being stabilized at +20°C,
capacitor shall meet the following limits.
CategoryTemp.Range
Rated W.V.Range
Nominal Cap.Range
Capacitance Tolerance
DC Leakage Current
tan
δ
±10% of initial measured value
<
Initial specified value
Endurance
(105 C1000hours W.V.)
Capacitance change
tan
δ
DC leakage current
Capacitance change
of initial measurd value
tan
δ
DC leakage current
-40 to 105
°C
±20 %
15 to 68µF
2.2 to 150µF
68 to 330µF
100 to 470µF
2 to 12.5V.DC
2 to 16V.DC
2 to 8V.DC
2 to 8V.DC
<
0.06(120Hz/ +20
°C)
0.10(120Hz/ +20
°C)
<
°
<
200% of initial specified value
Initial specified value
<
2, 2.5V.DC
4 V.DC
6.3V.DC
8 to 16V.DC
+50, -20%
+40, -20%
I 0.06 CV 2minutes(2 to 4V.DC)
I 0.04CV or 3µA 2minutes(6.3 to 16V.DC) (Whichever is greater)
<
<
+70, -20%
<
Initial specified value
Series & Size Code
FD
CD
UD
UE
Surge Voltage
Rated Working Voltage
× 1.25 (15 to 35°C)
+60, -20%
After storing for 500 hours at 60
°C,90%R.H.
n
Marking
Cap.
Polarity bar(Positive)
W.V. code
Series &
Size Code
Mar. 2005


Similar Part No. - EEFCD0D101XR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCD0D101XR PANASONIC-EEFCD0D101XR Datasheet
234Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEFCD0D101XR PANASONIC-EEFCD0D101XR Datasheet
90Kb / 3P
   Surface Mount Type
EEFCD0D101XR PANASONIC-EEFCD0D101XR Datasheet
89Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
More results

Similar Description - EEFCD0D101XR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECG-C0JB220R PANASONIC-ECG-C0JB220R Datasheet
349Kb / 4P
   Specialty Polymer Aluminum Electrolytic Capacitors/CB
logo
NIC-Components Corp.
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Suntan Capacitors
TS13G SUNTAN-TS13G Datasheet
263Kb / 2P
   POLYMER ALUMINUM ELECTROLYTIC CAPACITOR-SMD
logo
Panasonic Semiconductor
EEF-HE0J151R PANASONIC-EEF-HE0J151R Datasheet
127Kb / 1P
   Specialty Polymer Aluminum Electrolytic Chip Capacitors (SP?밅ap) / H
EEF-SD0G151R PANASONIC-EEF-SD0G151R Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-SX0E471E4 PANASONIC-EEF-SX0E471E4 Datasheet
71Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0K101ER PANASONIC-EEF-UD0K101ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com