Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV641H-90 Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN29LV641H-90
Description  64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV641H-90 Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN29LV641H-90 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29LV641H-90 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV641H-90 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV641H-90 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV641H-90 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV641H-90 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV641H-90 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV641H-90 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV641H-90 Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
This Data Sheet may be revised by subsequent versions
©2005 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
6
EN29LV641H/L EN29LV640U
Rev. B, Issue Date: 2005/06/27
Table 2. Sector (Group) Address Tables
Sector Group
Protect/Unprotect
Sector Address Range for Sector Erase
Sector
Group
A21-A17
Sector
A21
A20
A19
A18
A17
A16
A15
Address Range
(hexadecimal)
SA0
0
0
0
0
0
0
0
000000–007FFF
SA1
0
0
0
0
0
0
1
008000–00FFFF
SA2
0
0
0
0
0
1
0
010000–017FFF
SG0
00000
SA3
0
0
0
0
0
1
1
018000–01FFFF
SA4
0
0
0
0
1
0
0
020000–027FFF
SA5
0
0
0
0
1
0
1
028000–02FFFF
SA6
0
0
0
0
1
1
0
030000–037FFF
SG1
00001
SA7
0
0
0
0
1
1
1
038000–03FFFF
SA8
0
0
0
1
0
0
0
040000–047FFF
SA9
0
0
0
1
0
0
1
048000–04FFFF
SA10
0
0
0
1
0
1
0
050000–057FFF
SG2
00010
SA11
0
0
0
1
0
1
1
058000–05FFFF
SA12
0
0
0
1
1
0
0
060000–067FFF
SA13
0
0
0
1
1
0
1
068000–06FFFF
SA14
0
0
0
1
1
1
0
070000–077FFF
SG3
00011
SA15
0
0
0
1
1
1
1
078000–07FFFF
SA16
0
0
1
0
0
0
0
080000–087FFF
SA17
0
0
1
0
0
0
1
088000–08FFFF
SA18
0
0
1
0
0
1
0
090000–097FFF
SG
4
00100
SA19
0
0
1
0
0
1
1
098000–09FFFF
SA20
0
0
1
0
1
0
0
0A0000–0A7FFF
SA21
0
0
1
0
1
0
1
0A8000–0AFFFF
SA22
0
0
1
0
1
1
0
0B0000–0B7FFF
SG
5
00101
SA23
0
0
1
0
1
1
1
0B8000–0BFFFF
SA24
0
0
1
1
0
0
0
0C0000–0C7FFF
SA25
0
0
1
1
0
0
1
0C8000–0CFFFF
SA26
0
0
1
1
0
1
0
0D0000–0D7FFF
SG
6
00110
SA27
0
0
1
1
0
1
1
0D8000–0DFFFF
SA28
0
0
1
1
1
0
0
0E0000–0E7FFF
SA29
0
0
1
1
1
0
1
0E8000–0EFFFF
SA30
0
0
1
1
1
1
0
0F0000–0F7FFF
SG7
00111
SA31
0
0
1
1
1
1
1
0F8000–0FFFFF


Similar Part No. - EN29LV641H-90

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AB-90BIP EON-EN29LV640AB-90BIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AB-90TIP EON-EN29LV640AB-90TIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AT-90BIP EON-EN29LV640AT-90BIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV641H-90

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320C EON-EN29LV320C Datasheet
459Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
logo
Advanced Micro Devices
AM29LV017B AMD-AM29LV017B Datasheet
510Kb / 39P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV640T EON-EN29LV640T Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com