Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT22V10B-10SC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT22V10B-10SC
Description  High Speed UV Erasable Programmable Logic Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT22V10B-10SC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT22V10B-10SC Datasheet HTML 1Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 2Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 3Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 4Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 5Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 6Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 7Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 8Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
OUTPUT
PIN
5.0V
CL= 50pF
R1= 338
R2= 248
Military
AC
MEASUREMENT
LEVEL
AC
DRIVING
LEVELS
0.0V
3.0V
1.5V
tR, tF < 2 ns (10% to 90%)
Input Test Waveforms and
Measurement Levels
tCO
tAP
tER
HIGH Z
OUTPUT
VALID
OUTPUT
VALID
OUTPUTS
ASYNCH. RESET
INPUTS,I/O
CP
tP
tWH
tS
OUTPUTS
VALID
OUTPUT
VALID
OUTPUT
HIGH Z
REG. FEEDBACK
SYNCH. PRESET
REGISTERED
COMBINATORIAL
tH
tPD
tWP
tAR
tAW
OUTPUT
VALID
VALID
OUTPUT
tER
tEA
tEA
Note:
1. Timing measurement reference is 1.5 V. Input AC driving levels are 0.0 V and 3.0 V, unless otherwise specified.
A.C. Waveforms
(1)
OUTPUT
PIN
5.0V
CL= 50pF
R1= 250
R2= 167
Output Test Loads:
Commercial
(1)
Note:
1. CL = 30 pF for AT22V10B-7
A.C. Characteristics
AT22V10B-7
AT22V10B-10
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Units
tPD
Input or Feedback to Non-Registered Output
5
7.5
6
10
ns
tEA
Input to Output Enable
5
7.5
6
10
ns
tER
Input to Output Disable
5
7.5
6
10
ns
tCF
(1)
Clock to Feedback
0
1
2
0
1
2
ns
tCO
Clock to Output
0
3.5
5.5
0
4
7
ns
tS
Input or Feedback Setup Time
3.5
2
5
3
ns
tH
Hold Time
0
0
ns
tP
Clock Period
6
7
ns
tWL
(1)
Clock Width Low
3
3.5
ns
tWH
Clock Width High
3
3.5
ns
FMAX
External Feedback 1/(tS+tCO)
111
83
MHz
Internal Feedback 1/(tS + tCF)
166
142
MHz
No Feedback 1/(tP)
166
142
MHz
tAW
Asynchronous Reset Width
6
3
7
4
ns
tAR
Asynchronous Reset, Synchronous Preset,
Recovery Time
74
8
5
ns
tAP
Asynchronous Reset to Registered Output
Reset
610
8
14
ns
Note:
1. This parameter is only sampled and is not 100% tested.
1-112
AT22V10B


Similar Part No. - AT22V10B-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-15 ATMEL-AT22V10-15 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-20 ATMEL-AT22V10-20 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-25 ATMEL-AT22V10-25 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-30 ATMEL-AT22V10-30 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
More results

Similar Description - AT22V10B-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com