Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT22V10B-10SC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT22V10B-10SC
Description  High Speed UV Erasable Programmable Logic Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT22V10B-10SC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT22V10B-10SC Datasheet HTML 1Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 2Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 3Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 4Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 5Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 6Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 7Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 8Page - ATMEL Corporation AT22V10B-10SC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DIP/SOIC
PLCC
High Speed
UV Erasable
Programmable
Logic Device
Description
The AT22V10B is an ultra-high performance CMOS Programmable Logic Device (PLD).
Speeds down to 7.5 ns and operation up to 166 MHz are offered. All pins offer a low
± 10 µA
leakage.
The AT22V10B logic functionality is fully compatible with the standard 22V10. The 12 dedi-
cated inputs and ten configurable I/O pins allow implementation of logic requiring up to 22
input signals. The AT22V10B also provides individual output enable product terms for each
of the ten I/Os.
(continued)
Pin Configurations
Pin Name
Function
CLK/IN
Clock and Logic Input
IN
Logic Inputs
I/O
Bidirectional Buffers
*
No Internal Connection
VCC
+5 V Supply
Features
High Performance Programmable Logic Device
7.5 ns Max Propagation Delay
Up to 166 MHz Operation
5 V
± 10% Operation
Fully Compatible with Standard 22V10
Identical Functionality/Fuse-Map
TTL Compatible Inputs and Outputs
10
µA Leakage Maximum
Reprogrammable - Tested 100% for Programmability
High Reliability
Proven UV Erasable CMOS Technology
2000 V ESD Protection
200 mA Latch-Up Protection
Full Military, Commercial and Industrial Temperature Ranges
Dual-In-Line and Surface Mount Packages with Standard Pinouts
PROGRAMMABLE
INTERCONNECT
AND
COMBINATORIAL
LOGIC ARRAY
LOGIC
OPTION
(UP T0 10
FLIP-FLOPS)
OUTPUT
OPTION
8TO 16
PRODUCT
TERMS
OE PRODUCT TERMS
10
I/O PINS
12
INPUT PINS
1
Logic Diagram
*
GND IN
I/O
I/O
IN
VCC
*
CLK/IN
I/O
I/O
IN IN
1
15
22
8
GND
15
16
17
18
19
20
21
22
23
24
14
13
12
11
10
9
8
7
6
5
4
3
2
1
IN
Vcc
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
CLK/IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
I/O
I/O
I/O
I/O
I/O
I/O
*
IN
IN
IN
IN
IN
IN
*
0226B
AT22V10B
1-109


Similar Part No. - AT22V10B-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-15 ATMEL-AT22V10-15 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-20 ATMEL-AT22V10-20 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-25 ATMEL-AT22V10-25 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-30 ATMEL-AT22V10-30 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
More results

Similar Description - AT22V10B-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com