Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX256-PCS180 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EX256-PCS180
Description  eX Family FPGAs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EX256-PCS180 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EX256-PCS180 Datasheet HTML 4Page - List of Unclassifed Manufacturers EX256-PCS180 Datasheet HTML 5Page - List of Unclassifed Manufacturers EX256-PCS180 Datasheet HTML 6Page - List of Unclassifed Manufacturers EX256-PCS180 Datasheet HTML 7Page - List of Unclassifed Manufacturers EX256-PCS180 Datasheet HTML 8Page - List of Unclassifed Manufacturers EX256-PCS180 Datasheet HTML 9Page - List of Unclassifed Manufacturers EX256-PCS180 Datasheet HTML 10Page - List of Unclassifed Manufacturers EX256-PCS180 Datasheet HTML 11Page - List of Unclassifed Manufacturers EX256-PCS180 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
eX Fam i l y FP G A s
8v3.0
2 . 5V/ 3 . 3 V/ 5 . 0V Ope r at i n g Co nd i t i o ns
Abs o l u t e M axi m u m Ra ti ngs 1
Symbol
Parameter
Limits
Units
VCCI
DC Supply Voltage
–0.3 to +6.0
V
VCCA
DC Supply Voltage
–0.3 to +3.0
V
VI
Input Voltage
–0.5 to +5.5
V
VO
Output Voltage
–0.5 to +VCCI + 0.5
V
TSTG
Storage Temperature
–65 to +150
°C
Note:
1.
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. Exposure
to absolute maximum rated conditions for extended periods
may affect device reliability. Devices should not be operated
outside the Recommended Operating Conditions.
R ecom m e n ded Oper at i n g C ondi ti ons
Parameter
Commercial
Industrial
Units
Temperature
Range1
0 to +70
–40 to +85
°C
2.5V Power Supply
Range (VCCA, VCCI)
2.3-2.7
2.3-2.7
V
3.3V Power Supply
Range (VCCI)
3.0-3.6
3.0-3.6
V
5.0V Power Supply
Range (VCCI)
4.75-5.25
4.5-5.5
V
Note:
1.
Ambient temperature (TA).
T y pi cal eX S t andb y Cur r ent at 25° C
Product
VCCA= 2.5V
VCCI = 2.5V
VCCA = 2.5V
VCCI = 3.3V
eX64
397
µA
497
µA
eX128
696
µA
795
µA
eX256
698
µA
796
µA
2. 5 V El ect r i cal S p e c i f i cat i o ns
Symbol
Commercial
Industrial
Parameter
Min.
Max.
Min.
Max.
Units
VOH
VDD = MIN, VI = VIH or VIL
(IOH = -100µA) 2.1
2.1
V
VDD = MIN, VI = VIH or VIL
(IOH = -1 mA)
2.0
2.0
V
VDD = MIN, VI = VIH or VIL
(IOH = -2 mA)
1.7
1.7
V
VOL
VDD = MIN, VI = VIH or VIL
(IOL= 100µA)
0.2
0.2
V
VDD = MIN, VI = VIH or VIL
(IOL= 1mA)
0.4
0.4
V
VDD = MIN,VI = VIH or VIL
(IOL= 2 mA)
0.7
0.7
V
VIL
Input Low Voltage, VOUT ≤ VVOL(max)
-0.3
0.7
-0.3
0.7
V
VIH
Input High Voltage, VOUT ≥ VVOH(min)
1.7
VDD + 0.3 1.7 VDD + 0.3
V
IOZ
3-State Output Leakage Current, VOUT = VCCI or GND
–10
10
–10
10
µA
tR, tF
1,2
Input Transition Time tR, tF
10
10
ns
CIO
I/O Capacitance
10
10
pF
ICC
3,4
Standby Current
1.0
3.0
mA
IV Curve5
Can be derived from the IBIS model at www.actel.com/custsup/models/ibis.html.
Notes:
1.
tR is the transition time from 0.7 V to 1.7V.
2.
tF is the transition time from 1.7V to 0.7V.
3.
ICC max Commercial –F = 5.0mA
4.
ICC=ICCI + ICCA


Similar Part No. - EX256-PCS180

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX256-PCS100 ACTEL-EX256-PCS100 Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX256-PCS100 ACTEL-EX256-PCS100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX256-PCS100A ACTEL-EX256-PCS100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX256-PCS100A ACTEL-EX256-PCS100A Datasheet
433Kb / 49P
   eX Family FPGAs
EX256-PCS100I ACTEL-EX256-PCS100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX256-PCS180

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com