Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHV-12UK Datasheet(PDF) 1 Page - Sanken electric

Part # SHV-12UK
Description  High-Voltage Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SHV-12UK Datasheet(HTML) 1 Page - Sanken electric

  SHV-12UK Datasheet HTML 1Page - Sanken electric SHV-12UK Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
27min
27min
5
27min
27min
6.5
27min
27min
10
27min
27min
SHV-02
SHV-03S
SHV-03
SHV-06NK
SHV-06UNK
SHV-08DN
SHV-08NK
SHV-08UNK
SHV-12DN
Type No.
External Dimensions
Marking (Cathode Mark)
Pattern
Color
White
White
White
Red
Red
White
Red
Red
Red
±
0.2
A
B
E
F
F
C
C
C
E
E
D
G
H
High-Voltage Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(kV)
IF(AV)
(mA)
IFSM
(A)
VF
(V)
IF
(mA)
IF
/IRP
(mA)
VR=VRM
max
VR=VRM
Ta=100℃ max
IR
(μA)
IR(H)
(μA)
trr
(μs)
Tc
(℃)
Tstg
(℃)
max
Electrical Characteristics(Ta=25℃)
Ta=100℃
(g)
Mass
Others
Remarks
For general
FBT
For layer-
built FBT
For high-
frequency
layer-built
FBT
For Ultra
high-frequency
layer-built FBT
For
Microwave Oven
For Inverter-type
Microwave Oven
SHV-02
SHV-03S
SHV-03
SHV-10
SHV-12
SHV-14
SHV-16
SHV-20
SHV-24
SHV-06NK
SHV-08NK
SHV-10K
SHV-12K
SHV-06UNK
SHV-08UNK
SHV-10UK
SHV-12UK
SHV-16UK
SHV-08DN
SHV-12DN
HVR-1X-40B
UX-C2B
2
3
10
12
14
16
20
24
6
8
10
12
6
8
8
9
350
8
10
12
12
16
2.0
TV high
voltage
rectifier
Capacitive
load
0.3
0.5
0.5
0.5
0.5
20
15
60
100
100
100
100
16
40
45
55
60
60
68
90
75
26
36
40
45
45
30
9
13.5
48
10
1
3
10/10
40 to
120
40 to
120
40 to
120
40 to
120
40 to
130
30 to
130
0.18
10
10
10
350
1
1
1
10
3
3
3
VZ=9.5 to 15kV
VZ=8.5kV min.
10/10
0.18
10/10
0.15
0.30
0.20
10/10
100/100
0.15
0.1
0.32
0.2
0.2
0.2
0.3
0.3
3.67
0.32
0.15
0.16
(Ta)
26
Fig.
50Hz
Half-cycle Sinewave
Single Shot
A
Fig.
B
Fig.
C
Fig.
D
Fig.
(Unit: mm)


Similar Part No. - SHV-12UK

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SHV-12 SANKEN-SHV-12 Datasheet
43Kb / 2P
   High-Voltage Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
SHV-12 GETEDZ-SHV-12 Datasheet
68Kb / 1P
   12kV 5mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
SHV-12 SUNMATE-SHV-12 Datasheet
208Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
logo
Sanken electric
SHV-12DN SANKEN-SHV-12DN Datasheet
43Kb / 2P
   High-Voltage Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
SHV-12DN GETEDZ-SHV-12DN Datasheet
620Kb / 2P
   5.0mA 12kV 75nS--Ultra-High Frequency High Voltage Diodes
More results

Similar Description - SHV-12UK

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
2CL76 SUNMATE-2CL76 Datasheet
205Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA09-10 SUNMATE-ESJA09-10 Datasheet
388Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
ESJA59-12A SUNMATE-ESJA59-12A Datasheet
214Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com