Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMF24 Datasheet(PDF) 4 Page - Rohm

Part # EMF24
Description  Power management (dual trnasistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMF24 Datasheet(HTML) 4 Page - Rohm

  EMF24 Datasheet HTML 1Page - Rohm EMF24 Datasheet HTML 2Page - Rohm EMF24 Datasheet HTML 3Page - Rohm EMF24 Datasheet HTML 4Page - Rohm EMF24 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EMF24 / UMF24N
Transistors
Rev.A
4/4
50
−0.5 −1
−2
−5
−10 −20
−50 −100
100
200
500
Ta=25˚C
VCE
=6V
EMITTER CURRENT : IE
(mA)
Fig.10 Gain bandwidth product vs.
emitter current
0.2
0.5
1
2
5
10
20
50
1
2
5
10
20
Cib
Cob
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.11 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
Ta=25˚C
f
=1MHz
IE
=0A
IC
=0A
−0.2
−0.5
−1
−2
−5
−10
10
20
50
100
200
EMITTER CURRENT : IE
(mA)
Fig.12 Base-collector time constant vs.
emitter current
Ta=25
˚C
f=32MHZ
VCB=6V
DTr2
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO
=0.3V
Ta
=−40°C
25
°C
100
°C
Fig.1 Input voltage vs. output current
(ON characteristics)
INPUT VOLTAGE : VI(off)
(V)
0
3.0
10m
1
µ
2m
5m
1m
200
µ
500
µ
100
µ
20
µ
50
µ
10
µ
2
µ
5
µ
0.5
1.0
1.5
2.0
2.5
VCC
=5V
Ta
=100°C
25
°C
−40°C
Fig.2 Output current vs. input voltage
(OFF characteristics)
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ1m 2m 5m 10m 20m 50m100m
1k
500
200
100
50
20
10
5
2
1
VO
=5V
Ta
=100°C
25
°C
−40°C
Fig.3 DC current gain vs. output
current
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI
=20
Ta
=100°C
25
°C
−40°C
Fig.4 Output voltage vs. output
current


Similar Part No. - EMF24

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMF24 HTSEMI-EMF24 Datasheet
1Mb / 2P
   Power management (dual transistors)
logo
Jiangsu Changjiang Elec...
EMF24 JIANGSU-EMF24 Datasheet
249Kb / 4P
   Dual Transistors (NPNNPN)
logo
Excelliance MOS Corp.
EMF24N02Q EXCELLIANCE-EMF24N02Q Datasheet
228Kb / 5P
   N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMF24

ManufacturerPart #DatasheetDescription
logo
Rohm
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
   Power management (dual transistors)
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
   Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
logo
Chenmko Enterprise Co. ...
CHUMF4PT CHENMKO-CHUMF4PT Datasheet
246Kb / 5P
   Power Management (Dual Transistor)
CHUMF21PT CHENMKO-CHUMF21PT Datasheet
137Kb / 5P
   Power Management (Dual Transistor)
CHUMF24PT CHENMKO-CHUMF24PT Datasheet
157Kb / 4P
   Power Management (Dual Transistor)
CHEMF19PT CHENMKO-CHEMF19PT Datasheet
162Kb / 4P
   Power Management (Dual Transistor)
CHEMF21PT CHENMKO-CHEMF21PT Datasheet
147Kb / 5P
   Power Management (Dual Transistor)
logo
Rohm
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
   Power management (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com