Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMF19N Datasheet(PDF) 3 Page - Rohm

Part # UMF19N
Description  Power management (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMF19N Datasheet(HTML) 3 Page - Rohm

  UMF19N Datasheet HTML 1Page - Rohm UMF19N Datasheet HTML 2Page - Rohm UMF19N Datasheet HTML 3Page - Rohm UMF19N Datasheet HTML 4Page - Rohm UMF19N Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMF19 / UMF19N
Transistors
Rev.A
3/4
Electrical characteristic curves
Tr1
0
0.1
0.2
0.5
2
20
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
5
10
VCE=
6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
0
20
40
60
80
100
0.4
0.8
1.2
1.6
2.0
0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0.05mA
0.10mA
0.15mA
0.25mA
0.30mA
0.35mA
0.20mA
Ta=25˚C
IB=0A
0.40mA
0.50mA
0.45mA
Fig.2 Grounded emitter output
characteristics ( I )
0
0
2
8
10
4
8
12
16
4
6
20
IB=0A
Ta=25˚C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
3
µA
6
µA
9
µA
12
µA
15
µA
18
µA
21
µA
24
µA
27
µA
30
µA
Fig.3 Grounded emitter output
characteristics ( II )
0.2
20
10
0.5
1
2
5
10 20
50 100 200
50
100
200
500
VCE=5V
3V
1V
Ta=25˚C
COLLECTOR CURRENT : IC
(mA)
Fig.4 DC current gain vs. collector
current ( I )
0.2
0.5
1
2
5
10 20
50 100 200
20
10
50
100
200
500
25˚C
−55˚C
Ta=100˚C
VCE=
5V
COLLECTOR CURRENT : IC
(mA)
Fig.5 DC current gain vs. collector
current ( II )
0.2
0.5
1
2
5
10
20
50 100 200
0.01
0.02
0.05
0.1
0.2
0.5
IC/IB=50
20
10
Ta=25˚C
COLLECTOR CURRENT : IC
(mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=50
20
10
Ta=25˚C
Fig.7 Collector-emitter saturation
voltage vs. collector current ( I )
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=10
Ta=100˚C
25˚C
−55˚C
Fig.8 Collector-emitter saturation
voltage vs. collector current ( II )
COLLECTOR CURRENT : IC
(mA)
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100
IC/IB=50
Ta=100˚C
25˚C
−55˚C
Fig.9 Collector-emitter saturation
voltage vs. collector current ( III )


Similar Part No. - UMF19N

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMF105B7102KVHF TAIYO-YUDEN-UMF105B7102KVHF Datasheet
278Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF105B7102MVHF TAIYO-YUDEN-UMF105B7102MVHF Datasheet
278Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF105B7103KVHF TAIYO-YUDEN-UMF105B7103KVHF Datasheet
277Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF105B7103MVHF TAIYO-YUDEN-UMF105B7103MVHF Datasheet
277Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF105B7222KVHF TAIYO-YUDEN-UMF105B7222KVHF Datasheet
401Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results

Similar Description - UMF19N

ManufacturerPart #DatasheetDescription
logo
Rohm
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
   Power management (dual transistors)
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
   Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
   Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
   Power management (dual transistors)
VT6T2 ROHM-VT6T2 Datasheet
190Kb / 3P
   Power management (dual transistors)
VT6T11 ROHM-VT6T11 Datasheet
193Kb / 3P
   Power management (dual transistors)
VT6X1 ROHM-VT6X1 Datasheet
192Kb / 3P
   Power management (dual transistors)
UMF9N ROHM-UMF9N Datasheet
97Kb / 6P
   Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
   Power management (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com