Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMF17N Datasheet(PDF) 2 Page - Rohm

Part # UMF17N
Description  Power management (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMF17N Datasheet(HTML) 2 Page - Rohm

  UMF17N Datasheet HTML 1Page - Rohm UMF17N Datasheet HTML 2Page - Rohm UMF17N Datasheet HTML 3Page - Rohm UMF17N Datasheet HTML 4Page - Rohm UMF17N Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMF17 / UMF17N
Transistors
Rev.A
2/4
Absolute maximum ratings (Ta=25
°C)
Tr1
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Tj
Tstg
PC
Limits
−60
−50
−6
−150
150
−55 to +150
150 (TOTAL)
Unit
V
V
V
mA
°C
°C
mW
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Collector power dissipation
∗ 120mW per element must not be exceeded.
DTr2
Parameter
∗1 Characteristics of built-in transistor.
∗2 Each terminal mounted on a recommended land.
Symbol
VCC
VIN
IC
IO
PC
Tj
Tstg
Limits
50
−10 to +20
100
100
150(TOTAL)
150
−55 to +150
∗1
∗2
Unit
V
V
mA
mA
mW
°C
°C
Supply voltage
Input voltage
Collector current
Output current
Power dissipation
Junction temperature
Range of storage temperature
Electrical characteristics (Ta=25
°C)
Tr1
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−60
−50
−6
180
140
4
−0.1
−0.1
390
−0.5
5
VIC =
−50µA
IC =
−1mA
IE =
−50µA
VCB =
−60V
VEB =
−6V
VCE =
−6V, IC = −1mA
VCE =
−12V, IE = 2mA, f = 100MHz
IC/IB =
−50mA/−5mA
VCB =
−12V, IE = 0A, f = 1MHz
V
V
µA
µA
V
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
DTr2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transition frequency
fT
250
1.54
2.86
MHz
VCE
=10V, IE=−5mA, f=100MHz
∗ Characteristics of built-in transistor.
VI(off)
−−
0.5
V
VCC
=5V, IO=100µA
Input voltage
VI(on)
3.0
−−
V
VO
=0.3V, IO=20mA
VO(on)
100
300
mV
VO
=10mA, II=0.5mA
Output voltage
II
−−
3.8
mA
VI
=5V
Input current
IO(off)
−−
0.5
µAVCC=50V, VI=0V
Output current
R1
2.2
k
Input resistance
GI
20
−−
VO
=5V, IO=20mA
DC current gain
R2/R1
0.8
1.0
1.2
Resistance ratio


Similar Part No. - UMF17N

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMF105B7102KVHF TAIYO-YUDEN-UMF105B7102KVHF Datasheet
278Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF105B7102MVHF TAIYO-YUDEN-UMF105B7102MVHF Datasheet
278Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF105B7103KVHF TAIYO-YUDEN-UMF105B7103KVHF Datasheet
277Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF105B7103MVHF TAIYO-YUDEN-UMF105B7103MVHF Datasheet
277Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF105B7222KVHF TAIYO-YUDEN-UMF105B7222KVHF Datasheet
401Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results

Similar Description - UMF17N

ManufacturerPart #DatasheetDescription
logo
Rohm
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
   Power management (dual transistors)
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
   Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
   Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
   Power management (dual transistors)
VT6T2 ROHM-VT6T2 Datasheet
190Kb / 3P
   Power management (dual transistors)
VT6T11 ROHM-VT6T11 Datasheet
193Kb / 3P
   Power management (dual transistors)
VT6X1 ROHM-VT6X1 Datasheet
192Kb / 3P
   Power management (dual transistors)
UMF9N ROHM-UMF9N Datasheet
97Kb / 6P
   Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
   Power management (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com