Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG1-L2-5V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # RG1-L2-5V
Description  HIGH FREQUENCY RG RELAYS WITH 1C AND 2C CONTACTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

RG1-L2-5V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  RG1-L2-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) RG1-L2-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) RG1-L2-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) RG1-L2-5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) RG1-L2-5V Datasheet HTML 5Page - Nais(Matsushita Electric Works) RG1-L2-5V Datasheet HTML 6Page - Nais(Matsushita Electric Works) RG1-L2-5V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
108
RG
15.24
.600
5.08
.200
9.4
.370
0.5
.020
3.7
.146
23
.906
17.78
.700
2.54
.100
General tolerance:
±0.3 ±.012
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
Deenergized condition
Reset condition
Reset condition
Single side stable
PC board pattern (Copper-side view)
2 Form C type
1 coil latching
2 coil latching
20.32
.800 25
.984
8–0.4
×0.25
.016
×.010
4–0.4
×0.4
.016
×.016
6–0.5
×0.4
.020
×.016
2.54
.100
2.54
.100
18-1 DIA
18-.039 DIA.
1 2
345
6
7
8 9
10 11 12
13
14
15
16
+
17
18
1 2
345
6
7
8 9
10 11 12
13
14
15
+
16
17
18
1 2
345
6
7
8 9
10 11 12
13
14
15
16
+
+
17
18
21
.827
19
.748
mm inch
50
100
500
0
1000
Frequency, MHz
Frequency, MHz
50
100
500
0
1000
Frequency, MHz
5
0
500
0
1000
Frequency, MHz
0
5
500
0
1000
Frequency, MHz
REFERENCE DATA
1. Isolation
RG2-12V
75
Ω characteristic impedance
RG2T-12V
50
Ω characteristic impedance
2. Insertion loss
RG2-12V
75
Ω characteristic impedance
RG2T-12V
50
Ω characteristic impedance


Similar Part No. - RG1-L2-5V

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
RG1-102N-D15 COPAL-RG1-102N-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-102N-R15 COPAL-RG1-102N-R15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-102S-D15 COPAL-RG1-102S-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-102S-R15 COPAL-RG1-102S-R15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-103N-D15 COPAL-RG1-103N-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
More results

Similar Description - RG1-L2-5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
logo
Meder Electronic
HF05-1A54-6 MEDER-HF05-1A54-6 Datasheet
892Kb / 3P
   High Frequency and High Power Reed Relays
logo
Nais(Matsushita Electri...
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
logo
Omron Electronics LLC
G7S-4A2B-E-DC24 OMRON-G7S-4A2B-E-DC24 Datasheet
469Kb / 5P
   Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com