Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMD4N Datasheet(PDF) 1 Page - Rohm

Part # UMD4N
Description  General purpose (dual digital transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMD4N Datasheet(HTML) 1 Page - Rohm

  UMD4N Datasheet HTML 1Page - Rohm UMD4N Datasheet HTML 2Page - Rohm UMD4N Datasheet HTML 3Page - Rohm UMD4N Datasheet HTML 4Page - Rohm UMD4N Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EMD4 / UMD4N
Transistors
Rev.B
1/4
General purpose
(dual digital transistors)
EMD4 / UMD4N
Features
1) Both the DTA114Y chip and DTC144E chip in
an EMT6 or UMT6 package.
2) Mounting possible with EMT3 or UMT3 automatic
mounting machines.
3) Transistor elements are independent, eliminating
interference.
4) Mounting cost and area can be cut in half.
Structure
A PNP and NPN digital transistor
(each with a single built in resistor)
The following characteristics apply to both the DTr1 and
DTr2, however, the “
−” sign on DTr2 values for the PNP
type have been omitted.
Equivalent circuit
EMD4 / UMD4N
DTr2
DTr1
(3)
(2)
(1)
(4)
(5)
(6)
R1
R1
DTr1
R2
R2
R1/R2=47k
Ω / 47kΩ
DTr2
R1/R2=10k
Ω / 47kΩ
External dimensions (Unit : mm)
ROHM : EMT6
EMD4
ROHM : UMT6
EIAJ : SC-88
UMD4N
Abbreviated symbol :D4
Abbreviated symbol : D4
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)
Each lead has same dimensions
Each lead has same dimensions
0.1Min.
2.1
1.25
Packaging specifications
Taping
Code
Basic ordering
unit (pieces)
Package
TR
3000
UMD4N
T2R
8000
EMD4
Type


Similar Part No. - UMD4N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMD4N ROHM-UMD4N Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
UMD4N ROHM-UMD4N Datasheet
1Mb / 12P
   General purpose (dual digital transistor)
More results

Similar Description - UMD4N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com