Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB4 Datasheet(PDF) 1 Page - Rohm

Part # EMB4
Description  General purpose (dual digital transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMB4 Datasheet(HTML) 1 Page - Rohm

  EMB4 Datasheet HTML 1Page - Rohm EMB4 Datasheet HTML 2Page - Rohm EMB4 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMB4 / UMB4N / IMB4A
Transistors
Rev.A
1/2
General purpose (dual digital transistors)
EMB4 / UMB4N / IMB4A
Feature
1) Two DTA114T chips in a EMT or UMT or SMT
package.
Equivalent circuits
EMB4 / UMB4N
(3)
(2)
(1)
(4)
(5)
(6)
R1
R1
IMB4A
(5)
(4)
(6)
(3)
(2)
(1)
R1
R1
Package, marking, and packaging specifications
Type
EMB4
EMT6
B4
T2R
8000
IMB4A
SMT6
B4
T110
3000
UMB4N
UMT6
B4
TN
3000
Package
Marking
Code
Basic ordering unit (pieces)
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Pd
Tj
Tstg
Limits
−50
−50
−5
−100
300(TOTAL)
150(TOTAL)
EMB4 / UMB4N
IMB4A
150
−55 to +150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power
dissipation
Junction temperature
Storage temperature
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
∗1
∗2
External dimensions (Unit : mm)
UMB4N
Each lead has same dimensions
ROHM : UMT6
EIAJ : SC-88
0.1Min.
2.1
1.25
IMB4A
Each lead has same dimensions
ROHM : SMT6
EIAJ : SC-74
0.3to0.6
2.8
1.6
Each lead has same dimensions
ROHM : EMT6
EMB4
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)


Similar Part No. - EMB4

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB4 ROHM-EMB4 Datasheet
65Kb / 2P
   General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Jiangsu Changjiang Elec...
EMB4 JIANGSU-EMB4 Datasheet
3Mb / 3P
   Dual Digital Transistors (PNPPNP)
logo
Rohm
EMB4 ROHM-EMB4 Datasheet
999Kb / 9P
   General purpose Dual digital transistor
logo
Excelliance MOS Corp.
EMB40A03K EXCELLIANCE-EMB40A03K Datasheet
187Kb / 5P
   Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMB4

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com