Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VP531E-CG-GP1N Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # VP531E-CG-GP1N
Description  NTSC/PAL Digital Video Encoder
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

VP531E-CG-GP1N Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button VP531E-CG-GP1N Datasheet HTML 5Page - Zarlink Semiconductor Inc VP531E-CG-GP1N Datasheet HTML 6Page - Zarlink Semiconductor Inc VP531E-CG-GP1N Datasheet HTML 7Page - Zarlink Semiconductor Inc VP531E-CG-GP1N Datasheet HTML 8Page - Zarlink Semiconductor Inc VP531E-CG-GP1N Datasheet HTML 9Page - Zarlink Semiconductor Inc VP531E-CG-GP1N Datasheet HTML 10Page - Zarlink Semiconductor Inc VP531E-CG-GP1N Datasheet HTML 11Page - Zarlink Semiconductor Inc VP531E-CG-GP1N Datasheet HTML 12Page - Zarlink Semiconductor Inc VP531E-CG-GP1N Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
VP531E/VP551E
8
A bus free state is indicated by both SDA and SCL lines
being high. START of transmission is indicated by SDA being
pulled low while SCL is high. The end of transmission, referred
to as a STOP, is indicated by SDA going from low to high while
SCL is high. The STOP state can be omitted if a repeated
START is sent after the acknowledge bit. The reading device
acknowledges each byte by pulling the SDA line low on the
ninth clock pulse, after which the SDA line is released to allow
the transmitting device access to the bus.
The device address can be partially programmed by the
setting of the pins SA1 and SA2. This allows the device to
respond to one of four addresses, providing for system
flexibility. The I2C bus address is seven bits long with the last
bit indicating read / write for subsequent bytes.
The first data byte sent after the device address, is the sub-
address - BAR (base address register). The next byte will be
written to the register addressed by BAR and subsequent
bytes to the succeeding registers. The BAR maintains its data
after a STOP signal.
NTSC/PAL Video Standards
Both NTSC (4-field, 525 lines) and PAL (8-field, 625 lines)
video standards are supported by the VP531/VP551. All
raster synchronisation, colour sub-carrier and burst
characteristics are adapted to the standard selected. The
VP531/VP551 generates outputs which follow the
requirements of SMPTE 170M and CCIR 624 for PAL signals.
The device supports the following:
NTSC,
PAL B, D, G, H, I, N (Argentina).
TRS - Slave mode
The VP531 has an internal timing generator which
produces video timing signals appropriate to the mode of
operation. In the default (power up) slave mode, all timing
signals are derived from the input clock, PXCK, which must be
derived from a crystal controlled oscillator. Input pixel data is
latched on the rising edge of the PXCK clock.
The video timing generator produces the internal blanking
and burst gate pulses, together with the composite sync
output signal, using timing data (TRS codes) from the
Ancillary data stream in the REC656 input signal, (when
TRSEL (bit 0 of GPSCTL register) is set low).
Slave H & V mode
H & V slave mode is enabled by setting the SL_H&V bit in
the GCR register. In this mode the position of the video syncs
is derived from the HS and VS inputs. These GPP pins are
automatically configured as inputs when SL_H&V is set to '1'.
This mode requires 262/263 line syncs in NTSC mode (not
262.5/262.5) and 312/313 syncs in PAL. The VSYNC and
negative edges HSYNC need to be aligned.
When
programming the SLH&V bit needs setting first and then the
TRSEL bit in reg FF, otherwise there will be a clash of outputs.
The VSYNC is input to pin 3 and the HSYNC to pin 4 both at
5V TTL levels.
HCNT
To ensure that the incoming data is sampled correctly a 10
bit binary number (HCNT) has to be programmed into the
SLAVE1 and 2 registers. This will allow the device's internal
horizontal counter to align with the video data, each bit
The serial microprocessor interface is via the bi-
directional port consisting of a data (SDA) and a clock (SCL)
line. It is compatible to the Philips I2C bus standard (Jan. 1992
publication number 9398 393 40011). The interface is a slave
transmitter - receiver with a sub-address capability. All
communication is controlled by the microprocessor. The SCL
line is input only. The most significant bit (MSB) is sent first.
Data must be stable during SCL high periods.
SLAVE2
H &V Slave position register
HCNT7-0
Adjusts for delay at which pixel data
occurs relative to HS
GPSCTL
GPS Control
FSC4SEL
When high, REFSQ = 4xFSC and GPP
bit D6 is forced to become an input for a
SCSYNC signal (high = reset), which
provides a synchronous phase reset for
FSC divider. Low = normal operation with
REFSQ = 1xFSC. (default).
GENDITH
1 = Gen lock dither added.
GENLKEN
High = enable Genlock to REFSQ signal
input.
Low = internal subcarrier generation
(default).
NOLOCK
Genlock status bit (read only)
Low = Genlocked.
High = cannot lock to REFSQ. This bit is
cleared by reading and set again if lock
cannot be attained.
PALIDEN
High = enable external PAL ID phase
control and GPP bit D7 is forced to
become an input for PAL ID switch signal,
(GPP bit D7 - Low = +135
°,
High = -135
°).
Low = normal operation, internal PAL ID
phase switch is used (default).
TSURST
High = chip soft reset. Registers are NOT
reset to default values.
Low = normal operation (default).
CHRMCLIP
High = enable clipping of chroma data
when luma goes below black level and is
clipped.
Low = no chroma clipping (default).
TRSEL
High = master mode, GPP bits D0 - 4 are
forced to become a video timing port with
VS, HS and FIELD outputs.
Low = slave mode, timing from REC656.
I2C BUS CONTROL INTERFACE
I2C bus address
A6
0
A5
0
A4
0
A3
1
A2
1
A0
SA1
A1
SA2
R/
W
X


Similar Part No. - VP531E-CG-GP1N

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP531E MITEL-VP531E Datasheet
177Kb / 16P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531E/CG/GP1N ZARLINK-VP531E/CG/GP1N Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP531ECG MITEL-VP531ECG Datasheet
177Kb / 16P
   NTSC/PAL Digital Video Encoder
VP531ECGGP1N MITEL-VP531ECGGP1N Datasheet
177Kb / 16P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - VP531E-CG-GP1N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com