Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG1-9V Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # RG1-9V
Description  HIGH FREQUENCY RG RELAYS WITH 1C AND 2C CONTACTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

RG1-9V Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  RG1-9V Datasheet HTML 1Page - Nais(Matsushita Electric Works) RG1-9V Datasheet HTML 2Page - Nais(Matsushita Electric Works) RG1-9V Datasheet HTML 3Page - Nais(Matsushita Electric Works) RG1-9V Datasheet HTML 4Page - Nais(Matsushita Electric Works) RG1-9V Datasheet HTML 5Page - Nais(Matsushita Electric Works) RG1-9V Datasheet HTML 6Page - Nais(Matsushita Electric Works) RG1-9V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
109
RG
50
100
500
0
1000
Frequency, MHz
50
100
500
0
1000
Frequency, MHz
5
10
15
80
0
100
120
Coil voltage, %V
Max.
Max.
x
x
Min.
Min.
Operate time
Release time
0
5
10
15
80
100
120
Coil voltage, %V
Max.
Max.
x
x
Min.
Min.
Set time
Reset time
5
10
15
80
0
100
120
Coil voltage, %V
Max.
Max.
x
x
Min.
Operate time
Release time
Min.
x
x
Max.
Min.
Min.
Max.
Set time
Reset time
5
10
15
80
0
100
120
Coil voltage, %V
50
100
0
0
0.5 1.0 1.5 2.0 2.5
Operate bounce, ms
Operate bounce
50
100
0
0
0.5 1.0 1.5 2.0 2.5
Release bounce, ms
Release bounce
50
100
0
0
0.5 1.0 1.5 2.0 2.5
Set bounce
Set bounce, ms
50
100
0
0
0.5 1.0 1.5 2.0 2.5
Reset bounce
Reset bounce, ms
3. Return loss
RG2-12V
75
Ω characteristic impedance
RG2T-12V
50
Ω characteristic impedance
4-(1). Operate and release time (1C)
RG1-12V 6 pcs.
4-(2). Set and reset time (1C)
RG1-L2-12V 6 pcs.
4-(3). Operate and release time
(Without diode) (2C)
RG2-12V 6 pcs.
4-(4). Set and reset time (2C)
RG2-L2-12V 6 pcs.
5-(1). Bounce time (2C)
RG2-12V 100 pcs.
Nominal voltage is applied.
5-(2). Bounce time (2C)
RG2-L2-12V 100 pcs.
Nominal voltage is applied.


Similar Part No. - RG1-9V

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
RG1-102N-D15 COPAL-RG1-102N-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-102N-R15 COPAL-RG1-102N-R15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-102S-D15 COPAL-RG1-102S-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-102S-R15 COPAL-RG1-102S-R15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG1-103N-D15 COPAL-RG1-103N-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
More results

Similar Description - RG1-9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
logo
Meder Electronic
HF05-1A54-6 MEDER-HF05-1A54-6 Datasheet
892Kb / 3P
   High Frequency and High Power Reed Relays
logo
Nais(Matsushita Electri...
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
logo
Omron Electronics LLC
G7S-4A2B-E-DC24 OMRON-G7S-4A2B-E-DC24 Datasheet
469Kb / 5P
   Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com