Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC210 Datasheet(PDF) 8 Page - Texas Instruments

Part # TC210
Description  192- x 165-PIXEL CCD IMAGE SENSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC210 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TC210 Datasheet HTML 4Page - Texas Instruments TC210 Datasheet HTML 5Page - Texas Instruments TC210 Datasheet HTML 6Page - Texas Instruments TC210 Datasheet HTML 7Page - Texas Instruments TC210 Datasheet HTML 8Page - Texas Instruments TC210 Datasheet HTML 9Page - Texas Instruments TC210 Datasheet HTML 10Page - Texas Instruments TC210 Datasheet HTML 11Page - Texas Instruments TC210 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TC210
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS009B – OCTOBER 1986 – REVISED MAY 1990
2-10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tr = 25 ns, tf = 30 ns
tf
tr
0%
VIL max
10%
VIH min
90%
100%
Figure 4. Typical Clock Waveform for SRG
100%
90%
OUT
SRG
– 8.5 V
0%
– 8.5 V to – 10 V
1.5 V to 2.5 V
CCD Delay
τ
15 ns
10 ns
Sample
and
Hold
Figure 5. SRG and OUT Waveforms


Similar Part No. - TC210

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1,023Kb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC_10 Datasheet
1Mb / 1P
   Toroidal Chokes
More results

Similar Description - TC210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC211 TI-TC211 Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC25SPD TI-TC25SPD Datasheet
255Kb / 19P
[Old version datasheet]   680 X 500 PIXEL CCD IMAGE SENSOR
TX253-30 TI-TX253-30 Datasheet
247Kb / 19P
[Old version datasheet]   680 X 500 PIXEL CCD IMAGE SENSOR
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC285SPD-B0 TI-TC285SPD-B0 Datasheet
419Kb / 30P
[Old version datasheet]   1004 x 1002 PIXEL IMPACTRONTM CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com