Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4630ESD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4630ESD
Description  /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4630ESD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4630ESD Datasheet HTML 1Page - Maxim Integrated Products MAX4630ESD Datasheet HTML 2Page - Maxim Integrated Products MAX4630ESD Datasheet HTML 3Page - Maxim Integrated Products MAX4630ESD Datasheet HTML 4Page - Maxim Integrated Products MAX4630ESD Datasheet HTML 5Page - Maxim Integrated Products MAX4630ESD Datasheet HTML 6Page - Maxim Integrated Products MAX4630ESD Datasheet HTML 7Page - Maxim Integrated Products MAX4630ESD Datasheet HTML 8Page - Maxim Integrated Products MAX4630ESD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
±15kV ESD-Protected, Low-Voltage, Quad,
SPST, CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—SINGLE +5V SUPPLY (continued)
(V+ = +4.5V to +5.5V, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at V+ = +5V,
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RL = 50
Ω, CL = 5pF, f = 1MHz, Figure 5
-90
Crosstalk (Note 7)
VCT
RL = 50
Ω, CL = 5pF, f = 10MHz, Figure 5
-70
dB
Total Harmonic Distortion
THD
RL = 600
Ω, f = 20Hz to 20kHz
0.015
%
ESD Silicon-Controlled Rectifier
(SCR) Holding Current
IH
110
mA
ESD SCR Holding Voltage
VH
3V
POWER SUPPLY
Power-Supply Range
V+
2
12
V
TA = +25
°C1
Positive Supply Current
I+
V+ = 5.5V,
VIN = 0 or V+
TA = TMIN to TMAX
10
µA
ELECTRICAL CHARACTERISTICS—SINGLE +3V SUPPLY
(V+ = +2.7V to +3.6V, VIH = 2.0V, VIL = 0.6V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Input Voltage Range
VCOM_,
VNO_,
VNC_
0V+
V
TA = +25
°C
70
120
On-Resistance
RON
V+ = 2.7V,
ICOM_ = 1mA,
VNO_ or
VNC_ = 1.5V
TA = TMIN to TMAX
150
TA = +25
°C
0.6
3
On-Resistance Match Between
Channels (Notes 3, 8)
∆RON
V+ = 2.7V,
ICOM_ = 1mA,
VNO_ or
VNC_ = 1.5V
TA = TMIN to TMAX
4
TA = +25
°C6
12
On-Resistance Flatness
(Notes 4, 8)
RFLAT(ON)
V+ = 2.7;
ICOM_ = 1mA;
VNO_ or
VNC_ = 0.5V, 1.5V, 2.2V
TA = TMIN to TMAX
15
LOGIC INPUT
IN_ Input High
VIH
2.0
V
IN_ Input Low
VIL
0.6
V
Logic Input Leakage Current
IIN
VIN = 0 or V+
-1
1
µA


Similar Part No. - MAX4630ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX4631CPE MAXIM-MAX4631CPE Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX4631CSE MAXIM-MAX4631CSE Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX4631EPE MAXIM-MAX4631EPE Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX4630ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4575 MAXIM-MAX4575 Datasheet
265Kb / 12P
   15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com