Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9129EGE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9129EGE
Description  Quad Bus LVDS Driver with Flow-Through Pinout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9129EGE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9129EGE Datasheet HTML 4Page - Maxim Integrated Products MAX9129EGE Datasheet HTML 5Page - Maxim Integrated Products MAX9129EGE Datasheet HTML 6Page - Maxim Integrated Products MAX9129EGE Datasheet HTML 7Page - Maxim Integrated Products MAX9129EGE Datasheet HTML 8Page - Maxim Integrated Products MAX9129EGE Datasheet HTML 9Page - Maxim Integrated Products MAX9129EGE Datasheet HTML 10Page - Maxim Integrated Products MAX9129EGE Datasheet HTML 11Page - Maxim Integrated Products MAX9129EGE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
The reduction in characteristic impedance is approxi-
mated by the following formula:
ZDIFF-loaded = ZDIFF-unloaded SQRT [Co / (Co + N
CL / L)]
where:
ZDIFF-unloaded = unloaded differential characteristic im-
pedance
Co = unloaded trace capacitance (pF/unit length)
CL = value of each capacitive load (pF)
N = number of capacitive loads
L = trace length
For example, if Co = 2.5pF/in, CL = 10pF, N = 18, L =
18in, and ZDIFF-unloaded = 120
Ω, the loaded differential
impedance is:
ZDIFF-loaded = 120
SQRT [2.5pF /
(2.5pF + 18 10pF/18in)]
ZDIFF-loaded = 54
In this example, capacitive loading reduces the charac-
teristic impedance from 120
Ω to 54Ω. The load seen by
a driver located on a card in the middle of the bus is
27
Ω because the driver sees two 54Ω loads in parallel.
A typical LVDS driver (rated for a 100
Ω load) would not
develop a large enough differential signal to be reliably
detected by an LVDS receiver. Maxim’s BLVDS driver is
designed and specified to drive a 27
Ω load to differen-
tial voltage levels of 250mV to 450mV (which are stan-
dard LVDS driver levels). A standard LVDS receiver is
able to detect this level of differential signal.
Short extensions off the bus, called stubs, contribute to
capacitive loading. Keep stubs less than 1in for a good
balance between ease of component placement and
good signal integrity.
The MAX9129 is a current source driver and drives
larger differential signal levels into loads higher than
27
Ω and smaller levels into loads less than 27Ω (see
typical operating curves). To keep loading from reduc-
ing bus impedance below the rated 27
Ω load, PC
board traces can be designed for higher unloaded
characteristic impedance.
Effect of Transition Time
For transition times (measured from 0% to 100%) short-
er than the delay between capacitive loads, the loads
are seen as low-impedance discontinuities from which
the driven signal is reflected. Reflections add and sub-
tract from the signal being driven and cause decreased
noise margin and jitter. The MAX9129 is designed for a
minimum transition time of 1ns (rated 0.6ns from 20% to
80%, or about 1ns 0% to 100%) to reduce reflections
while being fast enough for high-speed backplane data
transmission.
Power-On Reset
The power-on reset voltage of the MAX9129 is typically
2.25V. When the supply falls below this voltage, the
device is disabled and the outputs are in high imped-
ance.
Applications Information
Power-Supply Bypassing
Bypass VCC with high-frequency, surface-mount
ceramic 0.1µF and 0.001µF capacitors in parallel as
close to the device as possible, with the smaller valued
capacitor closest to VCC.
Termination
In the example above, the loaded differential imped-
ance of the bus is reduced to 54
Ω. Since it can be dri-
ven from any card position, the bus must be terminated
at each end. A parallel termination of 54
Ω at each end
of the bus placed across the traces that make up the
differential pair provides a proper termination. The total
load seen by the driver is 27
Ω.
The MAX9129 drives higher differential signal levels
into lighter loads. A multidrop bus with the driver at one
end and receivers connected at regular intervals along
the bus has a lowered impedance due to capacitive
loading. Assuming the same impedance calculated in
the multidrop example above (54
Ω), the multidrop bus
can be terminated with a single, parallel-connected
54
Ω resistor at the far end from the driver. Only a single
resistor is required because the driver sees one 54
differential trace. The signal swing is larger with a 54
load.
In general, parallel terminate each end of the bus with a
resistor matching the differential impedance of the bus
(taking into account any reduced impedance due to
loading).
Board Layout
A four-layer PC board that provides separate power,
ground, input, and output signals is recommended.
Keep the LVTTL/LVCMOS and BLVDS signals separat-
ed to prevent coupling as shown in the suggested lay-
out for the QFN package (not drawn to scale) (Figure 6).
Quad Bus LVDS Driver with
Flow-Through Pinout
8
_______________________________________________________________________________________


Similar Part No. - MAX9129EGE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MAX9120 MAXIM-MAX9120 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9120 MAXIM-MAX9120 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA MAXIM-MAX9120ESA Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA++ MAXIM-MAX9120ESA+ Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
More results

Similar Description - MAX9129EGE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9123 MAXIM-MAX9123 Datasheet
215Kb / 10P
   Quad LVDS Line Driver with Flow-Through Pinout
Rev 0; 2/01
MAX9178 MAXIM-MAX9178 Datasheet
310Kb / 14P
   Quad LVDS Line Driver with High-ESD Tolerance and Flow-Through Pinout
Rev 0; 4/03
MAX9121 MAXIM-MAX9121 Datasheet
231Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination and Flow-Through Pinout
Rev 0; 6/01
logo
Pericom Semiconductor C...
PI90LV047A PERICOM-PI90LV047A_08 Datasheet
427Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Driver
logo
Maxim Integrated Produc...
MAX9173 MAXIM-MAX9173 Datasheet
277Kb / 14P
   Quad LVDS Line Receiver with Flow-Through Pinout and ?쏧n-Path??Fail-Safe
Rev 0; 10/02
logo
Integrated Device Techn...
QS3861PAG IDT-QS3861PAG Datasheet
218Kb / 5P
   HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV047A PERICOM-PI90LV047A Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
logo
Integrated Device Techn...
IDTQS32861 IDT-IDTQS32861 Datasheet
38Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com