Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4620EPD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4620EPD
Description  /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4620EPD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4620EPD Datasheet HTML 5Page - Maxim Integrated Products MAX4620EPD Datasheet HTML 6Page - Maxim Integrated Products MAX4620EPD Datasheet HTML 7Page - Maxim Integrated Products MAX4620EPD Datasheet HTML 8Page - Maxim Integrated Products MAX4620EPD Datasheet HTML 9Page - Maxim Integrated Products MAX4620EPD Datasheet HTML 10Page - Maxim Integrated Products MAX4620EPD Datasheet HTML 11Page - Maxim Integrated Products MAX4620EPD Datasheet HTML 12Page - Maxim Integrated Products MAX4620EPD Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
±15kV ESD-Protected, Low-Voltage, Quad,
SPST, CMOS Analog Switches
_______________________________________________________________________________________
9
Detailed Description
The MAX4620/MAX4630/MAX4640 are quad SPST
CMOS analog switches with circuitry providing ±15kV
ESD protection on the NO and NC pins. The CMOS
switch construction provides rail-to-rail signal handling
while consuming virtually no power. Each of the four
switches is independently controlled by a TTL/CMOS-
level-compatible digital input.
Applications Information
Do not exceed the absolute maximum ratings because
stresses beyond the listed ratings may cause perma-
nent damage to the device.
Proper power-supply sequencing is recommended for
all CMOS devices. Always sequence V+ on first, fol-
lowed by the logic inputs, NO/NC, or COM.
Operating Considerations for
High-Voltage Supply
The MAX4620/MAX4630/MAX4640 are capable of
+12V single-supply operation with some precautions.
The absolute maximum rating for V+ is 13V (referenced
to GND). When operating near this region, bypass V+
with a minimum 0.1µF capacitor to ground as close to
the IC as possible.
VOUT
∆VOUT
Q = (
∆VOUT)(CL)
OFF
ON
OFF
IN
MAX4620
MAX4630
MAX4640
VGEN
GND
CL
VOUT
V+
COM_
VIN
V+
RGEN
IN
NO_/NC_
Figure 4. Charge Injection
Figure 5. Crosstalk
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
NO2
RL
GND
COM1
0 OR 2.4V
IN1
NO1
50
COM2
IN2
0 OR
2.4V
NC
V+
MAX4620
MAX4630
MAX4640


Similar Part No. - MAX4620EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4621 MAXIM-MAX4621 Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
MAX4621CPE MAXIM-MAX4621CPE Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
MAX4621CSE MAXIM-MAX4621CSE Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
MAX4621EPE MAXIM-MAX4621EPE Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
MAX4621ESE MAXIM-MAX4621ESE Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
More results

Similar Description - MAX4620EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4575 MAXIM-MAX4575 Datasheet
265Kb / 12P
   15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com