Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9129 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9129
Description  Quad Bus LVDS Driver with Flow-Through Pinout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9129 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9129 Datasheet HTML 2Page - Maxim Integrated Products MAX9129 Datasheet HTML 3Page - Maxim Integrated Products MAX9129 Datasheet HTML 4Page - Maxim Integrated Products MAX9129 Datasheet HTML 5Page - Maxim Integrated Products MAX9129 Datasheet HTML 6Page - Maxim Integrated Products MAX9129 Datasheet HTML 7Page - Maxim Integrated Products MAX9129 Datasheet HTML 8Page - Maxim Integrated Products MAX9129 Datasheet HTML 9Page - Maxim Integrated Products MAX9129 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Quad Bus LVDS Driver with
Flow-Through Pinout
6
_______________________________________________________________________________________
PIN
QFN
TSSOP
NAME
FUNCTION
15
1
EN
LVTTL/LVCMOS Enable Input. The driver is disabled when EN is low. EN is internally
pulled down. When EN = high and EN = low or open, the outputs are active. For other
combinations of EN and EN, the outputs are disabled and are high impedance.
1, 4, 5, 16
2, 3, 6, 7
IN_
LVTTL/LVCMOS Driver Inputs
24
VCC
Power-Supply Input. Bypass VCC to GND with 0.1µF and 0.001µF ceramic capacitors.
3
5
GND
Ground
68
EN
LVTTL/LVCMOS Enable Input. The driver is disabled when EN is high. EN is internally
pulled down.
7, 10, 11, 14
9, 12, 13, 16
OUT_-
Inverting BLVDS Driver Outputs
8, 9, 12, 13
10, 11, 14, 15
OUT_+
Noninverting BLVDS Driver Outputs
Pin Description
Figure 3. Driver Propagation Delay and Transition Time Waveforms
0
VOH
VOL
IN_
OUT_ -
OUT_+
VOD
VCC
tPHLD
50%
0
tTHL
20%
0
80%
80%
0
tTLH
20%
0 DIFFERENTIAL
tPLHD
50%
VOD = (VOUT_+) - (VOUT_-)
Figure 1. Driver VOD and VOS Test Circuit
VCC
GND
IN_
RL/2
RL/2
VOS
VOD
OUT_-
OUT_+
Figure 2. Driver Propagation Delay and Transition Time Test
Circuit
RL
CL
OUT_ +
OUT_ -
CL
50
IN_
GENERATOR


Similar Part No. - MAX9129

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MAX9120 MAXIM-MAX9120 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9120 MAXIM-MAX9120 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA MAXIM-MAX9120ESA Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA++ MAXIM-MAX9120ESA+ Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
More results

Similar Description - MAX9129

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9123 MAXIM-MAX9123 Datasheet
215Kb / 10P
   Quad LVDS Line Driver with Flow-Through Pinout
Rev 0; 2/01
MAX9178 MAXIM-MAX9178 Datasheet
310Kb / 14P
   Quad LVDS Line Driver with High-ESD Tolerance and Flow-Through Pinout
Rev 0; 4/03
MAX9121 MAXIM-MAX9121 Datasheet
231Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination and Flow-Through Pinout
Rev 0; 6/01
logo
Pericom Semiconductor C...
PI90LV047A PERICOM-PI90LV047A_08 Datasheet
427Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Driver
logo
Maxim Integrated Produc...
MAX9173 MAXIM-MAX9173 Datasheet
277Kb / 14P
   Quad LVDS Line Receiver with Flow-Through Pinout and ?쏧n-Path??Fail-Safe
Rev 0; 10/02
logo
Integrated Device Techn...
QS3861PAG IDT-QS3861PAG Datasheet
218Kb / 5P
   HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV047A PERICOM-PI90LV047A Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
logo
Integrated Device Techn...
IDTQS32861 IDT-IDTQS32861 Datasheet
38Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com