Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4620 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4620
Description  /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4620 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4620 Datasheet HTML 7Page - Maxim Integrated Products MAX4620 Datasheet HTML 8Page - Maxim Integrated Products MAX4620 Datasheet HTML 9Page - Maxim Integrated Products MAX4620 Datasheet HTML 10Page - Maxim Integrated Products MAX4620 Datasheet HTML 11Page - Maxim Integrated Products MAX4620 Datasheet HTML 12Page - Maxim Integrated Products MAX4620 Datasheet HTML 13Page - Maxim Integrated Products MAX4620 Datasheet HTML 14Page - Maxim Integrated Products MAX4620 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
±15kV ESD-Protected, Low-Voltage, Quad,
SPST, CMOS Analog Switches
______________________________________________________________________________________
11
Figure 7. Human Body Model Current Waveform
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 6. Human Body ESD Test Model
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1500
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 9. IEC 1000-4-2 ESD Generator Current Waveform
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 8. IEC 1000-4-2 ESD Test Model
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50M
Ω to 100MΩ
RD
330
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST


Similar Part No. - MAX4620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4621 MAXIM-MAX4621 Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
MAX4621CPE MAXIM-MAX4621CPE Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
MAX4621CSE MAXIM-MAX4621CSE Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
MAX4621EPE MAXIM-MAX4621EPE Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
MAX4621ESE MAXIM-MAX4621ESE Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
More results

Similar Description - MAX4620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4575 MAXIM-MAX4575 Datasheet
265Kb / 12P
   15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com