Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQV216AZ Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # AQV216AZ
Description  GU (General Use) Type [1-Channel (Form A) Type]
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQV216AZ Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQV216AZ Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV216AZ Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV216AZ Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQV216AZ Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AQV21r
52
2-(2). On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA; Load voltage: Max. (DC)
Continuous load current: Max. (DC)
3. Turn on time vs. ambient temperature char-
acteristics
LED current: 5 mA;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
4. Turn off time vs. ambient temperature char-
acteristics
LED current: 5 mA;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
20
40
60
80
–40
120
0
–20
20
40
60
8085
AQV214(H)
100
AQV210
AQV217
Ambient temperature,
°C
AQV216
0
1.0
1.5
–40
2.0
0
–20
20
40
60
8085
0.5
AQV212,AQV215
AQV216,AQV210,AQV217
AQV214
AQV214H
Ambient temperature,
°C
0
0.1
0.2
0.3
0.4
–40
0
–20
20
40
60
8085
AQV214
AQV212,215
AQV216,210,217
AQV214H
Ambient temperature,
°C
5-(1). LED operate current vs.ambient temper-
ature characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5-(2). LED operate current vs.ambient temper-
ature characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6-(1). LED turn off current vs. ambient temper-
ature characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
Ambient temperature,
°C
AQV212
AQV215
AQV217
AQV210
AQV214
AQV216
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
AQV214H
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
Ambient temperature,
°C
6-(2). LED turn off current vs. ambient temper-
ature characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
7. LED dropout voltage vs. ambient tempera-
ture characteristics
Sample: All types
LED current: 5 to 50 mA
8-(1). Voltage vs. current characteristics of out-
put at MOS portion
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
AQV214H
Ambient temperature,
°C
0
1.0
1.1
1.2
1.3
–40
0
–20
20
40
60
8085
1.4
50mA
30mA
20mA
10mA
5mA
1.5
Ambient temperature,
°C
1.0
0.6
0.2
–1.0
–0.6
–0.2
–0.5
–0.4
–0.1
0.5
0.4
0.1
0.2
0.3
–0.2
–0.3
–0.4
–0.8
0.4
0.8
AQV212
AQV215
Voltage, V
8-(2). Voltage vs. current characteristics of out-
put at MOS portion
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
9. Off state leakage current
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
10-(1). LED forward current vs. turn on time
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
5
3
1
–5
–3
–1
–200
–160
–40
200
160
40
80
120
–80
–120
–2
–4
24
AQV217
AQV210
AQV216
AQV214(H)
Voltage, V
0
60
100
10
–3
10
–6
10
–9
10
–12
AQV216
20
40
80
AQV214(H)
Load voltage, V
0
0.2
0.4
0.6
0.8
1.2
1.0
10
20
30
40
50
60
AQV210,AQV216,AQV217
AQV212,AQV215
AQV214
LED forward current, mA


Similar Part No. - AQV216AZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV216AZ PANASONIC-AQV216AZ Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
More results

Similar Description - AQV216AZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
AQY210 NAIS-AQY210 Datasheet
37Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
logo
Nais(Matsushita Electri...
AQY210HL NAIS-AQY210HL Datasheet
41Kb / 3P
   GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com