Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48CA6 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT48CA6
Description  8-Bit Remote Type Low Voltage Mask MCU
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA6 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT48CA6 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Application Circuits
Note:
It is recommended that a 22
mF decoupling capacitor is placed between VSS and VDD.
If the crystal has a value above 1MHz the capacitors are not required.
HT48CA6
Rev. 1.10
11
July 26, 2002
No.
Mask Option
6
Carry frequency selection.
Carry frequency=
Clock Source
(2 or 3) 2
n
´
where n=0~3.
7
Carrier duty selection. There are two types of selection: 1/2 duty or 1/3 duty.
If carrier frequency= Clock Source / (2, 4, 8 or 16), the duty cycle will be 1/2 duty.
If carrier frequency= Clock Source / 3, the duty cycle will be 1/3 duty.
If carrier frequency= Clock Source / (6, 12 or 24), the duty cycle can be 1/2 duty or 1/3 duty.
8
OSC type selection. This option is to decide if an RC or Crystal oscillator is chosen as system clock. If the
Crystal oscillator is selected, the SST (System Start-up Timer) default is activated, otherwise the SST is
disabled.
O S C 1
O S C 2
H T 4 8 C A 6
R E S
P C 0 / R E M
V D D
P A 0
P A 1
P A 2
P A 3
P B 0
P B 1
1 W
3 0 0 p .
3 0 0 p .
X ' t a l
( s e e N o t e 2 )
0 . 1 m .
P B 2
P B 3
P B 4
P B 5
P B 6
P B 7
P A 7
P A 6
P A 5
P A 4
2 2 m .


Similar Part No. - HT48CA6

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
HT48CA0-1 HOLTEK-HT48CA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA0-2 HOLTEK-HT48CA0-2 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48CA0-3 HOLTEK-HT48CA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48CA1 HOLTEK-HT48CA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
More results

Similar Description - HT48CA6

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC65D02C40 SILAN-SC65D02C40 Datasheet
1Mb / 16P
   8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)
logo
Holtek Semiconductor In...
HT47C20L HOLTEK-HT47C20L_05 Datasheet
357Kb / 45P
   R-F Type Low Voltage 8-Bit Mask MCU
HT47C10L HOLTEK-HT47C10L Datasheet
271Kb / 38P
   R-F Type Low Voltage 8-Bit Mask MCU
HT47C07L HOLTEK-HT47C07L Datasheet
3Mb / 57P
   R-F Type Low Voltage 8-bit Mask MCU
HT47C06L HOLTEK-HT47C06L Datasheet
273Kb / 37P
   R-F Type Low Voltage 8-Bit Mask MCU
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com