Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTD3HJ0CD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VTD3HJ0CD
Description  HCMOS in Low Profile Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VTD3HJ0CD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VTD3HJ0CD Datasheet HTML 1Page - List of Unclassifed Manufacturers VTD3HJ0CD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
B
2
C
3
4
5
A
x
x
x
x
x
x
x
B
x
x
x
x
x
x
x
C
x
x
x
x
x
x
x
D
x
x
x
E
x
Stability vs. Supply:
± 0.3 ppm max. vs. Vdd ± 5%
Aging (typical):
< 1.0 ppm/year
Current:
15 mA max.
Phase Noise:
10 Hz: -90 dBc/Hz, 100 Hz: -120 dBc/Hz,
(Typical)
1 KHz: -140 dBc/Hz, 10 KHz: -143 dBc/Hz
Pin 1: Vcont/NC, Pin 4: GND, Pin 5: Output, Pin 8:Vdd
2
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com


Similar Part No. - VTD3HJ0CD

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTD3 VECTRON-VTD3 Datasheet
118Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
VTD3-07 VECTRON-VTD3-07 Datasheet
203Kb / 7P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
PerkinElmer Optoelectro...
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34F PERKINELMER-VTD34F Datasheet
42Kb / 1P
   Alternate Source/ Second Source Photodiodes
More results

Similar Description - VTD3HJ0CD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM010 ETC-SM010 Datasheet
138Kb / 2P
   HCMOS SURFACE MOUNT OSCILLATORS
logo
Connor-Winfield Corpora...
VSH31012 CONNOR-WINFIELD-VSH31012 Datasheet
65Kb / 1P
   SURFACE MOUNT HCMOS VCXO
VSH56021 CONNOR-WINFIELD-VSH56021 Datasheet
61Kb / 1P
   HCMOS SURFACE MOUNT VCXO
SMH524R CONNOR-WINFIELD-SMH524R Datasheet
96Kb / 2P
   SURFACE MOUNT HCMOS OSCILLATOR
SMH51R CONNOR-WINFIELD-SMH51R Datasheet
99Kb / 2P
   SURFACE MOUNT HCMOS OSCILLATOR
HSM531S CONNOR-WINFIELD-HSM531S Datasheet
142Kb / 2P
   HCMOS SURFACE MOUNT OSCILLATORS
HSM59 CONNOR-WINFIELD-HSM59 Datasheet
151Kb / 2P
   HCMOS SURFACE MOUNT OSCILLATORS
FSHD51E CONNOR-WINFIELD-FSHD51E Datasheet
122Kb / 2P
   SURFACE MOUNT HCMOS CLOCK
SMH61R CONNOR-WINFIELD-SMH61R Datasheet
97Kb / 2P
   SURFACE MOUNT HCMOS OSCILLATOR
logo
Abracon Corporation
ASD ABRACON-ASD Datasheet
222Kb / 2P
   LOW VOLTAGE HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
5.10.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com