Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRT22M Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BRT22M
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT22M Datasheet(HTML) 4 Page - Vishay Siliconix

  BRT22M Datasheet HTML 1Page - Vishay Siliconix BRT22M Datasheet HTML 2Page - Vishay Siliconix BRT22M Datasheet HTML 3Page - Vishay Siliconix BRT22M Datasheet HTML 4Page - Vishay Siliconix BRT22M Datasheet HTML 5Page - Vishay Siliconix BRT22M Datasheet HTML 6Page - Vishay Siliconix BRT22M Datasheet HTML 7Page - Vishay Siliconix BRT22M Datasheet HTML 8Page - Vishay Siliconix BRT22M Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83690
Rev. 1.4, 10-Jan-05
BRT21/ 22/ 23
Vishay Semiconductors
Coupler
Power Factor Considerations
A snubber isn’t needed to eliminate false operation of
the TRIAC driver because of the high static and com-
mutating dv/dt with loads between 1.0 and 0.8 power
factors. When inductive loads with power factors less
than 0.8 are being driven, include a RC snubber or a
single capacitor directly across the device to damp
the peak commutating dv/ dt spike. Normally a com-
mutating dv/dt causes a turning-off device to stay on
due to the stored energy remaining in the turning-off
device.
But in the case of a zero voltage crossing optotriac,
the commutating dv/dt spikes can inhibit one half of
the TRIAC from turning on. If the spike potential
exceeds the inhibit voltage of the zero cross detection
circuit, half of the TRIAC will be heldoff and not turn-
on. This hold-off condition can be eliminated by using
a snubber or capacitor placed directly across the
optotriac as shown in Figure 1. Note that the value of
the capacitor increases as a function of the load cur-
rent.
The hold-off condition also can be eliminated by pro-
viding a higher level of LED drive current. The higher
LED drive provides a larger photocurrent which
causes the phototransistor to turn-on before the com-
mutating spike has activated the zero cross network.
Figure 2 shows the relationship of the LED drive for
power factors of less than 1.0. The curve shows that
if a device requires 1.5 mA for a resistive load, then
1.8 times 2.7 mA) that amount would be required to
control an inductive load whose power factor is less
than 0.3.
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Critical rate of rise of coupled
input/output voltage
IT = 0 A, VRM = VDM = VD(RMS)
dvIO/dt
10000
V/
µs
Common mode coupling
capacitance
CCM
0.01
pF
Capacitance (input-output)
f = 1.0 MHz, VIO = 0 V
CIO
0.8
pF
Isolation resistance
VIO = 500 V, Tamb = 25 °C
Ris
≥ 1012
VIO = 500 V, Tamb = 100 °C
Ris
≥ 1011
Trigger current
VD = 5.0 V, F - Versions
IFT
1.2
mA
VD = 5.0 V, H - Versions
IFT
2.0
mA
VD = 5.0 V, M - Versions
IFT
3.0
mA
Figure 1. Shunt Capacitance vs. Load Current
iil410_01
400
350
300
250
200
150
100
50
0
.001
.01
.1
1
IL - Load Current - mA(RMS)
Cs(
µF) = 0.0032 (µF)* 10^(0.0066IL (mA)
Ta = 25°C, PF = 0.3
IF = 2.0 mA


Similar Part No. - BRT22M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT22M SIEMENS-BRT22M Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
Vishay Siliconix
BRT22M VISHAY-BRT22M Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT22M-X006 VISHAY-BRT22M-X006 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
More results

Similar Description - BRT22M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com