Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDZ6.2B Datasheet(PDF) 4 Page - Rohm

Part # EDZ6.2B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EDZ6.2B Datasheet(HTML) 4 Page - Rohm

  EDZ6.2B Datasheet HTML 1Page - Rohm EDZ6.2B Datasheet HTML 2Page - Rohm EDZ6.2B Datasheet HTML 3Page - Rohm EDZ6.2B Datasheet HTML 4Page - Rohm EDZ6.2B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EDZ8.2B
Diodes
Rev.A
4/4
1
10
100
012
34
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Vz DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
ZENER CURRENT:Iz(mA)
Zz-Iz CHARACTERISTICS
f=1MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25℃
VR=4.0V
n=30pcs
AVE:0.148nA
0.0001
0.001
0.01
0.1
1
10
100
1000
01
234
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
1
10
100
0.1
1
10
7.2
7.3
7.4
7.5
7.6
7.7
AVE:7.494V
Ta=25℃
IZ=5mA
n=30pcs
0
10
20
30
40
50
60
70
80
90
100
AVE:40.1pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0.001
0.01
0.1
1
10
678
9
Ta=75℃
Ta=-25℃
Ta=125℃
Ta=25℃


Similar Part No. - EDZ6.2B

ManufacturerPart #DatasheetDescription
logo
Rohm
EDZ6.2B ROHM-EDZ6.2B Datasheet
143Kb / 5P
   Zener diode
EDZ6.2B ROHM-EDZ6.2B Datasheet
1Mb / 5P
   Zener Diode
EDZ6.2B ROHM-EDZ6.2B Datasheet
162Kb / 5P
   Zener diode
EDZ6.2B ROHM-EDZ6.2B Datasheet
124Kb / 5P
   Zener diode
EDZ6.2B ROHM-EDZ6.2B Datasheet
141Kb / 5P
   Zener diode
More results

Similar Description - EDZ6.2B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com