Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA60101JBN Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MA60101JBN
Description  HIGH FREQUENCY CERAMIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MA60101JBN Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MA60101JBN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MA60101JBN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MA60101JBN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MA60101JBN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MA60101JBN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MA60101JBN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Fig. 1 Chip
Fig. 5 Radial Wire
Fig. 2 Pellet
Fig. 6 Axial Ribbon
Fig. 3 Micro-Strip
Fig. 7 Narrow Axial Ribbon
Fig. 4 Radial Ribbon
Fig. 8 Axial Wire
DIMENSIONS
Y
L
T
W
L
W
T
Y
T
W
L
Y
W
L
Y
T
W
L
Y
T
Y
W
L
T
Y
W
L
T
Y
W
L
T
*Except where Tolerance is shown.
Lead lengths are typical widths ±0.1mm, thickness & dia. ±0.05mm.
All leaded parts are bonded with high temperature solder 748°F/398°C.
CG01-J
119
APPLICATION SPECIFIC CAPACITORS
HIGH FREQUENCY CERAMIC CAPACITORS
MA/MB Series
CONFIGURATION AND DIMENSIONS – MA & MB SERIES
Type
Case
Dimensions: mm
Band
Style
P90±20 P90±30
COG
X7R
Figure
Size
Configuration
L ± 0.38*
W ± 0.38*
T max.
Y
Termination
Chip
MA10
MA50
MA70
1
1.4 ± .25
Palladium Silver
Pellet
MA11
MA51
MA71
2
1
Palladium Silver
EIA
1.8
& Sn62 Solder
Nickel Interfaced
Style
max.
1.4 ± .25
1.4
0.25
Palladium Silver,
Pellet
MA18
MA58
MA78
2
0505
±.1
Nickel Interface
& Sn62 Solder
Nickel Interfaced
Palladium Silver,
Chip
MA19
MA59
MA79
1
1.4 ± .25
Nickel Interface
& Tin Plating
Chip
MA20
MB20
MA60
MA80
1
2.8
Palladium Silver
Pellet
MA21
MB21
MA61
MA81
2
3.3 max.
Palladium Silver,
& Sn62 Solder
Micro
MA22
MB22
MA62
MA82
3
3.4
Silver Ribbon:
Strip
6.35 x 2.3 x 0.1mm
Radial
MA23
MB23
MA63
MA83
4
3.4
Silver Ribbon:
Ribbon
6.35 x 2.3 x 0.1mm
Radial
MA24
MB24
MA64
MA84
5
2
3.8
#26AWG Silver Wire:
Wire
EIA
12.7 x 0.4mm Dia.
Axial
MA25
MB25
MA65
MA85
6
Style
3.4
2.8
2.5
0.38
Silver Ribbon:
Ribbon
1010
± .25
6.35 x 2.3 x 0.1mm
Narrow Axial
MA26
MB26
MA66
MA86
7
3.4
Silver Ribbon:
Ribbon
6.35 x 1.25 x 0.1mm
Axial
MA27
MB27
MA67
MA87
8
3.8
#26AWG Silver Wire:
Wire
12.7mm x 0.4mm Dia.
Nickel Interfaced
Palladium Silver,
Pellet
MA28
MB28
MA68
MA88
2
3.3 max.
Nickel Interface
& Sn62 Solder
Nickel Interfaced
Palladium Silver,
Chip
MA29
MB29
MA69
MA89
1
2.8
Nickel Interface
& Tin Plating


Similar Part No. - MA60101JBN

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
MA6018N2510A AAC-MA6018N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
MA6018N2510B AAC-MA6018N2510B Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
MA6018N2510C AAC-MA6018N2510C Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
MA6018N3005A AAC-MA6018N3005A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
MA6018N3005B AAC-MA6018N3005B Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
More results

Similar Description - MA60101JBN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
06022 ETC2-06022 Datasheet
226Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG6R3DC-W TAIYO-YUDEN-TVS042CG6R3DC-W Datasheet
143Kb / 1P
   Ceramic Capacitors for High Frequency Applications
logo
List of Unclassifed Man...
06019 ETC2-06019 Datasheet
222Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG1R9CC-W TAIYO-YUDEN-TVS042CG1R9CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R1CC-W TAIYO-YUDEN-TVS042CG3R1CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R3CC-W TAIYO-YUDEN-TVS042CG3R3CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com