Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA10101JBN Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # MA10101JBN
Description  HIGH FREQUENCY CERAMIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MA10101JBN Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  MA10101JBN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MA10101JBN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MA10101JBN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MA10101JBN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MA10101JBN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MA10101JBN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
118
CG01-J
APPLICATION SPECIFIC CAPACITORS
HIGH FREQUENCY CERAMIC CAPACITORS
MA/MB Series
OUTSTANDING CHARACTERISTICS
I Miniature size
I Very high Q at high frequencies
I High RF power capabilities
I Impervious to environmental conditions
I Low dissipation factors
I Excellent retrace capability (not applicable for X7R styles)
I High temperature stability
I Low noise
I Meets Mil-55681 with respect to: Shock, Vibration,
Moisture Resistance, Solderability, Barometric Pressure,
Temperature Cycling, Immersion and Salt Spray
ADDITIONAL FEATURES
I Packaging options
I Lot processing data available
MA SERIES
For filtering, coupling and impedance matching in most
RF circuits, the MA Series chips and leaded devices offer
outstanding performance and reliability with the greatest
range of values and configurations. MA Series capacitors
can be supplied with military equivalent screening. Please
consult our factory.
MA Series ceramic fixed capacitors are miniature, high
performance precision components having extremely high Q
and high power capabilities from low frequencies to gigahertz
ranges. These “low loss” multilayer capacitors are extremely
stable with respect to variations in temperature, voltage and
frequency.
MA Series capacitors are designed for miniature
state-of-the-art circuit applications. They are small,
easy to apply and have excellent reliability. Units are
available in ultra-miniature case size 1 (1.4 x 1.4 x 1.4mm)
or miniature case size 2 (2.8 x 2.8 x 2.5mm). Standard
case size 1 units are available as chips. Standard case
size 2 units are available as chips and also in leaded
configurations.
Clean-room manufacturing technology assures product
reliability and automated processing reduces costs and
cycle time. Key stages of the operation are monitored
and controlled with the latest SPC techniques. Flexibility in
design allows the production of non-standard values, while
maintaining consistent quality objectives.
Please contact the factory for availability of special
configurations or high-reliability screening.
M
A
1
8
101
J
A
N
CUBIC
A-STD SERIES
DIMENSIONAL
TERMINATION
CAPACITANCE
TOLERANCES:
A: NO
7” Reel
MONOLITHIC
B-ULTRA
AND T.C. CODE
CODE:
CODE: Expressed
*B: ±0.1pF
MARKING
Plastic
HIGH Q
1: P90 Case 1
0: Chip
in picofarads and
*C : ±0.25pF
B: MARKING Tape
5: COG Case 1
1: Pellet
identified by a three-digit *D: ±0.5pF
Cap. Code
7: X7R Case 1
2: Microstrip
number. First two digits
F : ±1%
& Tol.
2: P90 Case 2
3: Radial Ribbon
represent significant
G: ±2%
Logo if space
6: COG Case 2
4: Radial Wire
figures. Last digit
J : ±5%
permits
8: X7R Case 2
5: Axial Ribbon
specifies the number
K : ±10%
Non XR7
6: Narrow Axial Ribbon
of zeros to follow. For
M: ±20%
styles only
7: Axial Wire
values below 10pF,
Z: +80%, –20%
8: Nickel Interfaced Pellet
the letter “R” is used
9: Nickel Interfaced Chip
as the decimal point
*Available
and the last digit
below 10pf
becomes significant.
only
PART NUMBERING SYSTEM – CASE SIZE 1 & CASE SIZE 2
Type
Dimensions: mm
Style
P90±20 P90±30
COG
X7R
Configuration
L ± 0.38* W ± 0.38* T ± .038
Band
Termination
Y
Silver Ribbon:
Raised
MA22-6
MB22-6
MA62-6
MA82-6
Length: 6.35 typical
Micro-Strip
3.4
2.8
2.8
0.38 ± .25
Width: 2.3 ± .13
Thickness: 0.1 ± .05
SPECIAL LEAD CONFIGURATION FOR FLEX BOARDS
NOTE: Targeted for flex circuit boards, the MA22-6 version of the MA22 has an upraised lead configuration. The lead bends
when flexing the board after assembly so that minimal stress is placed on the component.
T
W
L
Y
NE
W


Similar Part No. - MA10101JBN

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
logo
Panasonic Semiconductor
MA10100 PANASONIC-MA10100 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
More results

Similar Description - MA10101JBN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
06022 ETC2-06022 Datasheet
226Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG6R3DC-W TAIYO-YUDEN-TVS042CG6R3DC-W Datasheet
143Kb / 1P
   Ceramic Capacitors for High Frequency Applications
logo
List of Unclassifed Man...
06019 ETC2-06019 Datasheet
222Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG1R9CC-W TAIYO-YUDEN-TVS042CG1R9CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R1CC-W TAIYO-YUDEN-TVS042CG3R1CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R3CC-W TAIYO-YUDEN-TVS042CG3R3CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com