Electronic Components Datasheet Search |
|
MB88101GBN Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd. |
|
MB88101GBN Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd. |
4 / 6 page MA20 & 60 SERIES, P90 & COG – CASE SIZE 2 MA80 SERIES, X7R – CASE SIZE 2 MA Case Size 2 Series CG01-J 121 Cap. Cap. Cap. WVDC* Code pF Tol. 0R1 0.1 B 500 0R2 0.2 “ 500 0R3 0.3 B,C 500 0R4 0.4 “ 500 0R5 0.5 B,C,D 500 0R6 0.6 “ 500 0R7 0.7 “ 500 0R8 0.8 “ 500 0R9 0.9 “ 500 1R0 1.0 “ 500 1R1 1.1 “ 500 1R2 1.2 “ 500 1R3 1.3 “ 500 1R4 1.4 “ 500 1R5 1.5 “ 500 1R6 1.6 “ 500 1R7 1.7 “ 500 1R8 1.8 “ 500 1R9 1.9 “ 500 2R0 2.0 “ 500 2R1 2.1 “ 500 2R2 2.2 “ 500 2R4 2.4 “ 500 2R7 2.7 “ 500 3R0 3.0 “ 500 3R3 3.3 “ 500 3R6 3.6 “ 500 3R9 3.9 “ 500 4R3 4.3 “ 500 4R7 4.7 “ 500 5R1 5.1 “ 500 5R6 5.6 “ 500 6R2 6.2 “ 500 6R8 6.8 B,C,J,K,M 500 *@ 125°C **Extended Cap Range, COG only Cap. Cap. Cap. WVDC** Code pF Tol. 512 5100 K,M,Z 100 562 5600 “ 100 622 6200 “ 100 682 6800 “ 100 752 7500 “ 100 822 8200 “ 100 912 9100 “ 100 103 10000 “ 100 113 11000 “ 100 123 12000 “ 100 133 13000 “ 100 **@ 85°C Cap. Cap. Cap. WVDC** Code pF Tol. 153 15000 K,M,Z 100 163 16000 “ 100 183 18000 “ 100 203 20000 “ 100 223 22000 “ 100 243 24000 “ 100 273 27000 “ 100 303 30000 “ 100 333 33000 “ 100 363 36000 “ 100 393 39000 “ 100 **@ 85°C Cap. Cap. Cap. WVDC** Code pF Tol. 433 43000 K,M,Z 100 473 47000 “ 100 513 51000 “ 100 563 56000 “ 100 623 62000 “ 100 683 68000 “ 100 753 75000 “ 100 823 82000 “ 100 913 91000 “ 100 104 100000 “ 100 **@ 85°C Cap. Cap. Cap. WVDC* Code pF Tol. 7R5 7.5 “ 500 8R2 8.2 B,C,J,K,M 500 9R1 9.1 “ 500 100 10 F,G,J,K,M 500 110 11 “ 500 120 12 “ 500 130 13 “ 500 150 15 “ 500 160 16 “ 500 180 18 “ 500 200 20 “ 500 220 22 “ 500 240 24 “ 500 270 27 “ 500 300 30 “ 500 330 33 “ 500 360 36 “ 500 390 39 “ 500 430 43 “ 500 470 47 “ 500 510 51 “ 500 560 56 “ 500 620 62 “ 500 680 68 “ 500 750 75 “ 500 820 82 “ 500 910 91 “ 500 101 100 “ 500 111 110 “ 300 121 120 “ 300 131 130 “ 300 151 150 “ 300 161 160 “ 300 181 180 “ 300 *@ 125°C Cap. Cap. Cap. WVDC* Code pF Tol. 201 200 “ 300 221 220 “ 200 241 240 F,G,J,K,M 200 271 270 “ 200 301 300 “ 200 331 330 “ 200 361 360 “ 200 391 390 “ 200 431 430 “ 200 471 470 “ 200 511 510 “ 100 561 560 “ 100 621 620 “ 100 681 680 “ 50 751 750 “ 50 821 820 “ 50 911 910 “ 50 102 1000 “ 50 112** 1100 “ 50 122** 1200 “ 50 132** 1300 “ 50 152** 1500 “ 50 162** 1600 “ 50 182** 1800 “ 50 202** 2000 “ 50 222** 2200 “ 50 242** 2400 “ 50 272** 2700 “ 50 302** 3000 “ 50 332** 3300 “ 50 362** 3600 “ 50 392** 3900 “ 50 432** 4300 “ 50 472** 4700 “ 50 512** 5200 “ 50 *@ 125°C APPLICATION SPECIFIC CAPACITORS MINIATURE MICROWAVE CERAMIC CAPACITORS Note: Limited capacitance range available in 1Kv; consult factory. |
Similar Part No. - MB88101GBN |
|
Similar Description - MB88101GBN |