Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMC-PAB9-TW0J5 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # ASMC-PAB9-TW0J5
Description  Envisium Power PLCC-4 Surface Mount LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ASMC-PAB9-TW0J5 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  ASMC-PAB9-TW0J5 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ASMC-PAB9-TW0J5 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ASMC-PAB9-TW0J5 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ASMC-PAB9-TW0J5 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ASMC-PAB9-TW0J5 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ASMC-PAB9-TW0J5 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ASMC-PAB9-TW0J5 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ASMC-PAB9-TW0J5 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ASMC-PAB9-TW0J5 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Color Bin Limits
Amber/
Yellow
Min. (nm)
Max. (nm)
1
582.0
584.5
2
584.5
587.0
3
587.0
589.5
4
589.5
592.0
5
592.0
594.5
6
594.5
597.0
Red
Orange
Min. (nm)
Max. (nm)
1
611.0
616.0
2
616.0
620.0
Red
Min. (nm)
Max. (nm)
Full Distribution
Tolerance of each bin limit =
± 1 nm.
Packaging Option (X5)
Option
Test Current
Package Type
Reel Size
5
50 mA
Top Mount
7 inch
Color Bin Select (X4)
Individual reel will contain parts
from one full bin only.
X4
0
Full Distribution
A
1 and 2 only
B
2 and 3 only
C
3 and 4 only
D
4 and 5 only
E
5 and 6 only
G
1, 2 and 3 only
H
2, 3 and 4 only
J
3, 4 and 5 only
K
4, 5 and 6 only
M
1, 2, 3 and 4 only
N
2, 3, 4 and 5 only
P
3, 4, 5 and 6 only
R
1, 2, 3, 4, and 5 only
S
2, 3, 4, 5 and 6 only
Intensity Bin Select (X2X3)
Individual reel will contain parts
from one half bin only
X2
Min IV Bin
X3
0
Full Distribution
3
3 half bins starting from X61
4
4 half bins starting from X61
5
5 half bins starting from X61
7
3 half bins starting from X62
8
4 half bins starting from X62
9
5 half bins starting from X62
Intensity Bin Limits & Typical Flux
Bin ID
Min. (mcd)
Max. (mcd)
V1
715.00
900.00
V2
900.00
1125.00
W1
1125.00
1400.00
W2
1400.00
1800.00
X1
1800.00
2240.00
X2
2240.00
2850.00
Tolerance of each bin limit =
±12%.
8


Similar Part No. - ASMC-PAB9-TW0J5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PAB9-TV005 AVAGO-ASMC-PAB9-TV005 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PAB9-TV005 BOARDCOM-ASMC-PAB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PAB9-TXXX5 AVAGO-ASMC-PAB9-TXXX5 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
More results

Similar Description - ASMC-PAB9-TW0J5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com