Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMBZ-5241B Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBZ-5241B
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBZ-5241B Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBZ-5241B Datasheet HTML 1Page - Continental Device India Limited CMBZ-5241B Datasheet HTML 2Page - Continental Device India Limited CMBZ-5241B Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
CMBZ52XX series
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Total power dissipation up to Tamb = 25 °C*
Ptot
max.
300 mW
Total power dissipation up to Tamb = 25 °C**
Ptot
max.
225 mW
Storage temperature
Tstg
–55 to –150 °C
Junction temperature
Tj
max.
150 °C
THERMAL RESISTANCE
From junction to ambient
Rth j–a
417 °C/W
From junction to ambient
Rth j–a
556 °C/W
CHARACTERISTICS
Tj = 25 °C unless otherwise specified
VF = 0.9V Max. @ IF = 10 mA
Device
Zener
Test
ZZK
ZZT
Max
@ VR
Voltage
Current
IZ=0.25mA
IZ = IZT
IR
(V)
VZ (± 5%)
IZT
ohm max
@10% Mod
uA
Nominal
m A
ohm max
max
CMBZ-5230B
4.7
2 0
1900
1 9
5.0
2.0
CMBZ-5231B
5.1
2 0
1600
1 7
5.0
2.0
CMBZ-5232B
5.6
2 0
1600
1 1
5.0
3.0
CMBZ-5233B
6.0
2 0
1600
7.0
5.0
3.5
CMBZ-5234B
6.2
2 0
1000
7.0
5.0
4.0
CMBZ-5235B
6.8
2 0
750
5.0
3.0
5.0
CMBZ-5236B
7.5
2 0
500
6.0
3.0
6.0
CMBZ-5237B
8.2
2 0
500
8.0
3.0
6.5
CMBZ-5238B
8.7
2 0
600
8.0
3.0
6.5
CMBZ-5239B
9.1
2 0
600
1 0
3.0
7.0
CMBZ-5240B
1 0
2 0
600
1 7
3.0
8.0
CMBZ-5241B
1 1
2 0
600
2 2
2.0
8.4
CMBZ-5242B
1 2
2 0
600
3 0
1.0
9.1
CMBZ-5243B
1 3
9.5
600
1 3
0.5
9.9
CMBZ-5244B
1 4
9.0
600
15
0.1
10
CMBZ-5245B
1 5
8.5
600
16
0.1
11
CMBZ-5246B
1 6
7.8
600
17
0.1
12
CMBZ-5247B
1 7
7.4
600
19
0.1
13
CMBZ-5248B
1 8
7.0
600
21
0.1
14
CMBZ-5249B
1 9
6.6
600
23
0.1
14
CMBZ-5250B
2 0
6.2
600
25
0.1
15
CMBZ-5251B
2 2
5.6
600
29
0.1
17
* Device mounted on a ceramic alumina of 8 mm × 10 mm × 0.7 mm
** Device mounted on an FR5 printed circuit board


Similar Part No. - CMBZ-5241B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBZ5221B RECTRON-CMBZ5221B Datasheet
21Kb / 2P
   5% SOT-23 SURFACE MOUNT ZENER DIODE
CMBZ5222B RECTRON-CMBZ5222B Datasheet
21Kb / 2P
   5% SOT-23 SURFACE MOUNT ZENER DIODE
CMBZ5223B RECTRON-CMBZ5223B Datasheet
21Kb / 2P
   5% SOT-23 SURFACE MOUNT ZENER DIODE
CMBZ5224B RECTRON-CMBZ5224B Datasheet
21Kb / 2P
   5% SOT-23 SURFACE MOUNT ZENER DIODE
logo
Continental Device Indi...
CMBZ5225 CDIL-CMBZ5225 Datasheet
100Kb / 3P
   SILIICON PLANAR ZENER DIODE
More results

Similar Description - CMBZ-5241B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com