Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114WSA Datasheet(PDF) 2 Page - Rohm

Part # DTC114WSA
Description  Digital transistors (built-in resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114WSA Datasheet(HTML) 2 Page - Rohm

  DTC114WSA Datasheet HTML 1Page - Rohm DTC114WSA Datasheet HTML 2Page - Rohm DTC114WSA Datasheet HTML 3Page - Rohm DTC114WSA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DTC114WE / DTC114WUA / DTC114WKA / DTC114WSA
Transistors
Rev.A
2/3
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Pd
Tj
Tstg
Limits
50
−10 to +30
100
100
150
200
300
DTC114WE
DTC114WUA / DTC114WKA
DTC114WSA
150
−55 to +150
Unit
V
V
mA
mW
°C
°C
Supply voltage
Input voltage
Output current
Power
dissipation
Junction temperature
Storage temperature
VCC
VI
IO
IC(Max.)
Recommended land
Package, marking, and packaging specifications
Part No.
DTC114WE
EMT3
84
TL
3000
DTC114WUA
UMT3
84
T106
3000
DTC114WKA
SMT3
84
T146
3000
DTC114WSA
SPT
C114WS
TP
5000
Package
Marking
Packaging code
Basic ordering unit (pieces)
External characteristics (Unit: mm)
VCC
=5V, IO=100µA
VO
=0.3V, IO=2mA
IO
=10mA, II=0.5mA
VI
=5V
VCC
=50V, VI=0V
IO
=10mA, VO=5V
VCE
=10V, IE= −5mA, f=100MHz
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VI(off)
VO(on)
II
IO(off)
GI
fT
R1
24
7
0.1
250
10
0.8
0.3
0.88
0.5
13
V
V
mA
µA
MHz
k
VI(on)
3
−−
R2/R1
0.37
0.47
0.57
−−
Input voltage
Output voltage
Input current
Output current
DC current gain
Transition frequency
Input resistance
Resistance ratio
Transition frequency of the device.


Similar Part No. - DTC114WSA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTC114WSA JIANGSU-DTC114WSA Datasheet
92Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTC114WSA ROHM-DTC114WSA Datasheet
87Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114WSATP ROHM-DTC114WSATP Datasheet
87Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC114WSA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com