Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMKP483 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMKP483 Datasheet(HTML) 4 Page - Vishay Siliconix

  MMKP483 Datasheet HTML 1Page - Vishay Siliconix MMKP483 Datasheet HTML 2Page - Vishay Siliconix MMKP483 Datasheet HTML 3Page - Vishay Siliconix MMKP483 Datasheet HTML 4Page - Vishay Siliconix MMKP483 Datasheet HTML 5Page - Vishay Siliconix MMKP483 Datasheet HTML 6Page - Vishay Siliconix MMKP483 Datasheet HTML 7Page - Vishay Siliconix MMKP483 Datasheet HTML 8Page - Vishay Siliconix MMKP483 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28125
4
Revision: 01-Sep-03
MMKP 483
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
URdc ==
=
= 250 V; URac ==
=
= 125 V; Up-p ==
=
= 350 V (lock lead)
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
lt ==
=
= 4.0 +
+
+
+1.0/−
−0.5 mm
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of catalog number
SPQ
Pitch =
=
=
= 15.0 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.082
6.0 × 18.0 × 18.0
1.3
04823
2000
0.091
04913
0.1
04104
0.11
6.5 × 18.5 × 18.0
1.4
04114
1500
0.12
04124
0.13
04134
0.15
7.0 × 19.0 × 18.0
1.5
04154
1500
0.16
04164
0.18
7.5 × 19.5 × 18.0
1.6
04184
1250
0.2
8.0 × 20.0 × 18.0
1.7
04204
1250
0.22
04224
0.24
8.5 × 20.5 × 18.0
1.8
04244
1000
0.27
9.0 × 21.0 × 18.0
1.9
04274
900
0.3
9.5 × 21.5 × 18.0
2.0
04304
900
0.33
10.0 × 22.0 × 18.0
2.1
04334
800
0.36
04364
0.39
10.5 × 22.5 × 18.0
2.2
04394
800
Pitch =
=
=
= 22.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.43
8.0 × 24.0 × 26.0
2.4
04434
550
0.47
8.5 × 24.5 × 26.0
2.5
04474
500
0.51
04514
0.56
9.0 × 25.0 × 26.0
2.6
04564
450
0.62
9.5 × 25.5 × 26.0
2.8
04624
450
0.68
10.0 × 26.0 × 26.0
3.0
04684
400
0.75
10.5 × 26.5 × 26.0
3.2
04754
350
0.82
11.0 × 27.0 × 26.0
3.5
04824
350
Pitch =
=
=
= 27.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.91
10.0 × 26.0 × 31.0
5.0
04914
500
1.0
10.5 × 26.5 × 31.0
5.0
04105
450
1.1
11.0 × 27.0 × 31.0
5.5
04115
400
1.2
11.5 × 27.5 × 31.0
5.5
04125
400
1.3
12.0 × 28.0 × 31.0
6.0
04135
350
1.5
13.0 × 29.0 × 31.0
6.5
04155
300
1.6
13.5 × 29.5 × 31.0
7.0
04165
300
1.8
14.0 × 30.0 × 31.0
7.0
04185
300
2.0
15.0 × 31.0 × 31.0
8.0
04205
250
2.2
15.5 × 31.5 × 31.0
8.5
04225
250


Similar Part No. - MMKP483

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMKP383 VISHAY-MMKP383 Datasheet
202Kb / 19P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 28-Feb-05
MMKP383 VISHAY-MMKP383 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 05-Nov-08
MMKP383 VISHAY-MMKP383 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 05-Nov-08
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results

Similar Description - MMKP483

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 19-Mar-13
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
MMKP383 VISHAY-MMKP383 Datasheet
202Kb / 19P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 28-Feb-05
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 05-Nov-08
MKP479 VISHAY-MKP479 Datasheet
450Kb / 24P
   AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type
Revision: 21-Nov-05
KP374 VISHAY-KP374 Datasheet
121Kb / 8P
   AC and Pulse Polypropylene Film Foil Capacitors KP Radial Epoxy Lacquered Type
Revision: 26-Jul-06
KP375 VISHAY-KP375 Datasheet
223Kb / 24P
   AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
Revision: 30-Nov-05
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com