Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB335SCM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MTB335SCM
Description  Full-Size (7.3mm or 4.7mm height)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTB335SCM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MTB335SCM Datasheet HTML 1Page - List of Unclassifed Manufacturers MTB335SCM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mmdcomp.com
Toll Free 1-877-663-2667 / Fax: 949-753-5889
Specifications subject to change without notice
Revision: 9/20/02 B
OS15
Part Numbering Guide
Mechanical Dimensions
Markings
Line 1: MMD
Line 2: Part Number
Line 3: Frequency
Line 4: Date Code
Pin Connections
Pin 1: Control V olt age or N/C
Pin 7: Case Ground
Pin 8: Output
Pin 14: Supply V olt age
Cut Leads and Gull-Wing are available for this package.
See VA1 and VA3 for specs.
* Check with factory for additional stability vs. temperature options
7.62 ±0.20
.300 ±.012
1.0
.039
11.7 ±0.20
.460 ±.012
5.0
.197
#1
#14
#7
#8
MTA end view
2.4
.094
MTB end view
Frequency
MT
Frequency Stability*
10 = ±1ppm
15 = ±1.5ppm
20 = ±2ppm
25 = ±2.5ppm
30 = ±3ppm
35 = ±3.5ppm
50 = ±5ppm
Pin 1 Connection
Blank = No Connect
V = Voltage Control
Output Type
H = HCMOS
S = Clipped Sinewave
Z = Sinewave
Supply Voltage
Blank = 5 Volt
3 = 3.3 Volt
Operating Temp. Range*
A =
0°C to +50°C
B = -10°C to +60°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Series Option
A = A Series(7.3mm Hgt.)
B = B Series(4.7mm Hgt.)
Trimmer Option
Blank = No Trimmer
M = Mechanical Trimmer
14 pin DIP


Similar Part No. - MTB335SCM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
logo
ON Semiconductor
MTB33N10E ONSEMI-MTB33N10E Datasheet
268Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
logo
Inchange Semiconductor ...
MTB33N10E ISC-MTB33N10E Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
MTB33N10ET4 ONSEMI-MTB33N10ET4 Datasheet
268Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
More results

Similar Description - MTB335SCM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCMB104E ETC2-PCMB104E Datasheet
627Kb / 1P
   Low profile (3.0mm max) and small size (7.3mm x 6.6mm)
PCMB104T ETC2-PCMB104T Datasheet
627Kb / 1P
   Low profile (3.0 mm max) and small size (7.3mm x 6.6mm)
logo
Advantech Co., Ltd.
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_V01 Datasheet
2Mb / 4P
   PICMG1.0 Full-Size SBC PICMG1.0 Full-Size SBC
logo
AAEON Technology
FSB-B75G AAEON-FSB-B75G_15 Datasheet
295Kb / 2P
   Full-Size SBC
FSB-B75G AAEON-FSB-B75G Datasheet
295Kb / 2P
   Full-Size SBC
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
   TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
logo
Advantech Co., Ltd.
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
logo
Abracon Corporation
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
   TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
logo
Advantech Co., Ltd.
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
logo
AAEON Technology
EMB-BT7 AAEON-EMB-BT7 Datasheet
358Kb / 2P
   full-size mini-card
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com